Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1551IFNG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC1551IFNG4
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1551IFNG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC1551IFNG4 Datasheet HTML 5Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 6Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 7Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 8Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 9Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 10Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 11Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 12Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The operating sequence for complete data acquisition is shown in Figure 3. Processors can address the TLC1550
and TLC1551 as an external memory device by simply connecting the address lines to a decoder and the decoder
output to CS. Like other peripheral devices, the write (WR) and read (RD) input signals are valid only when CS is low.
Once CS is low, the onboard system clock permits the conversion to begin with a simple write command and the
converted data to be presented to the data bus with a simple read command. The device remains in a sampling (track)
mode from the rising edge of EOC until conversion begins with the rising edge of WR, which initiates the hold mode.
After the hold mode begins, the clock controls the conversion automatically. When the conversion is complete, the
end-of-conversion (EOC) signal goes low indicating that the digital data has been transferred to the output latch.
Lowering CS and RD then resets EOC and transfers the data to the data bus for the processor read cycle.
0.8 V
0.8 V
0.8 V
0.8 V
1.4 V
2 V
1.4 V
0.8 V
2 V
0.8 V
2 V
0.8 V
2 V
0.8 V
tsu(CS)
th(CS)
tw(WR)
tc
tsu(CS)
th(CS)
tdis(D)
tv(D)
ta(D)
td(EOC)
0.8 V
2 V
CS
WR
RD
EOC
D0 − D9
Data Valid
Figure 3. TLC1550 or TLC1551 Operating Sequence


Similar Part No. - TLC1551IFNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1551IFNG4 TI-TLC1551IFNG4 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1551IFNG4 TI1-TLC1551IFNG4 Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
More results

Similar Description - TLC1551IFNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876 TI1-TLC876 Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com