Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021BV33L-15ZI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1021BV33L-15ZI
Description  64K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BV33L-15ZI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1021BV33L-15ZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BV33L-15ZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BV33L-15ZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BV33L-15ZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BV33L-15ZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BV33L-15ZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BV33L-15ZI Datasheet HTML 9Page - Cypress Semiconductor CY7C1021BV33L-15ZI Datasheet HTML 10Page - Cypress Semiconductor CY7C1021BV33L-15ZI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY7C1021BV33
Document #: 38-05148 Rev. *A
Page 8 of 11
Ordering Information
Speed (ns)
Ordering Code
Package
Name
Package Type
Operating
Range
8
CY7C1021BV33-8BAC
BA48A
48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm)
Commercial
CY7C1021BV33-8VC
V34
44-Lead (400-Mil) Molded SOJ
CY7C1021BV33L-8VC
V34
44-Lead (400-Mil) Molded SOJ
CY7C1021BV33-8ZC
Z44
44-Lead TSOP Type II
CY7C1021BV33L-8ZC
Z44
44-Lead TSOP Type II
10
CY7C1021BV33-10BAC
BA48A
48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm)
Commercial
CY7C1021BV33-10VC
V34
44-Lead (400-Mil) Molded SOJ
CY7C1021BV33L-10VC
V34
44-Lead (400-Mil) Molded SOJ
CY7C1021BV33-10ZC
Z44
44-Lead TSOP Type II
CY7C1021BV33L-10ZC
Z44
44-Lead TSOP Type II
12
CY7C1021BV33-12BAC
BA48A
48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm)
Commercial
CY7C1021BV33-12VC
V34
44-Lead (400-Mil) Molded SOJ
CY7C1021BV33L-12VC
V34
44-Lead (400-Mil) Molded SOJ
CY7C1021BV33-12ZC
Z44
44-Lead TSOP Type II
CY7C1021BV33L-12ZC
Z44
44-Lead TSOP Type II
CY7C1021BV33-12BAI
BA48A
48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm)
Industrial
CY7C1021BV33-12VI
V34
44-Lead (400-Mil) Molded SOJ
15
CY7C1021BV33-15BAC
BA48A
48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm)
Commercial
CY7C1021BV33L-15BAC
BA48A
48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm)
CY7C1021BV33-15VC
V34
44-Lead (400-Mil) Molded SOJ
CY7C1021BV33L-15VC
V34
44-Lead (400-Mil) Molded SOJ
CY7C1021BV33-15ZC
Z44
44-Lead TSOP Type II
CY7C1021BV33L-15VC
Z44
44-Lead TSOP Type II
CY7C1021BV33-15BAI
BA48A
48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm)
Industrial
CY7C1021BV33L-15BAI
BA48A
48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm)
CY7C1021BV33-15VI
V34
44-Lead (400-Mil) Molded SOJ
CY7C1021BV33L-15ZI
Z44
44-Lead TSOP Type II
Shaded areas contain advance information.


Similar Part No. - CY7C1021BV33L-15ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
322Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12VC CYPRESS-CY7C1021B-12VC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12VI CYPRESS-CY7C1021B-12VI Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021B-12ZC CYPRESS-CY7C1021B-12ZC Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021BV33L-15ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com