Electronic Components Datasheet Search |
|
TLC2652A-8D Datasheet(PDF) 5 Page - Texas Instruments |
|
TLC2652A-8D Datasheet(HTML) 5 Page - Texas Instruments |
5 / 39 page TLC2652, TLC2652A, TLC2652Y Advanced LinCMOS PRECISION CHOPPERSTABILIZED OPERATIONAL AMPLIFIERS SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD ± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2652C TLC2652AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 0.6 3 0.5 1 V VIO Input offset voltage Full range 4.35 2.35 µV VIO Temperature coefficient of Full range 0.003 0.03 0.003 0.03 V/ °C αVIO Temperature coefficient of input offset voltage Full range 0.003 0.03 0.003 0.03 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25 °C 0.003 0.06 0.003 0.02 µV/mo IIO Input offset current 25 °C 2 60 2 60 pA IIO Input offset current Full range 100 100 pA IIB Input bias current 25 °C 4 60 4 60 pA IIB Input bias current Full range 100 100 pA Common-mode input voltage −5 −5 VICR Common-mode input voltage range RS = 50 Ω Full range −5 to −5 to V VICR range RS = 50 Ω Full range to 3.1 to 3.1 V VOM + Maximum positive peak RL = 10 kΩ See Note 5 25 °C 4.7 4.8 4.7 4.8 V VOM + Maximum positive peak output voltage swing RL = 10 kΩ, See Note 5 Full range 4.7 4.7 V VOM − Maximum negative peak RL = 10 kΩ See Note 5 25 °C − 4.7 − 4.9 − 4.7 − 4.9 V VOM − Maximum negative peak output voltage swing RL = 10 kΩ, See Note 5 Full range − 4.7 − 4.7 V AVD Large-signal differential VO = ± 4 V, RL = 10 kΩ 25 °C 120 150 135 150 dB AVD Large-signal differential voltage amplification VO = ± 4 V, RL = 10 kΩ Full range 120 130 dB fch Internal chopping frequency 25 °C 450 450 Hz Clamp on-state current RL = 100 kΩ 25 °C 25 25 A Clamp on-state current RL = 100 kΩ Full range 25 25 µA Clamp off-state current VO = − 4 V to 4 V 25 °C 100 100 pA Clamp off-state current VO = − 4 V to 4 V Full range 100 100 pA CMRR Common-mode rejection VO = 0, VIC = VICRmin, 25 °C 120 140 120 140 dB CMRR Common-mode rejection ratio VO = 0, VIC = VICRmin, RS = 50 Ω Full range 120 120 dB kSVR Supply-voltage rejection ratio VDD ± = ±1.9 V to ±8 V, 25 °C 110 135 110 135 dB kSVR Supply-voltage rejection ratio ( ∆VDD±/∆VIO) VO = 0, RS = 50 Ω Full range 110 110 dB IDD Supply current 25 °C 1.5 2.4 1.5 2.4 mA IDD Supply current Full range 2.5 2.5 mA † Full range is 0° to 70°C. NOTES: 4. Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated at TA = 25° using the Arrhenius equation and assuming an activation energy of 0.96 eV. 5. Output clamp is not connected. |
Similar Part No. - TLC2652A-8D |
|
Similar Description - TLC2652A-8D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |