Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2551ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2551ID
Description  5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2551ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC2551ID Datasheet HTML 5Page - Texas Instruments TLC2551ID Datasheet HTML 6Page - Texas Instruments TLC2551ID Datasheet HTML 7Page - Texas Instruments TLC2551ID Datasheet HTML 8Page - Texas Instruments TLC2551ID Datasheet HTML 9Page - Texas Instruments TLC2551ID Datasheet HTML 10Page - Texas Instruments TLC2551ID Datasheet HTML 11Page - Texas Instruments TLC2551ID Datasheet HTML 12Page - Texas Instruments TLC2551ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TLC2551, TLC2552, TLC2555
5-V, LOW-POWER, 12-BIT, 175/360 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS276D – MARCH 2000 – REVISED MAY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.5
5
5.5
V
Positive external reference voltage input, VREFP (see Note 1)
2
VDD
V
Analog input voltage (see Note 1)
0
VDD
V
High level control input voltage, VIH
2.1
V
Low-level control input voltage, VIL
0.6
V
Setup time, CS falling edge before first SCLK falling edge,
tsu(CSL-SCLKL)
VDD = REF = 4.5 V
40
ns
Hold time, CS falling edge after SCLK falling edge, th(SCLKL-CSL)
5
ns
Delay time, delay from CS falling edge to FS rising edge td(CSL-FSH) (TLC2551 only)
0.5
7
SCLKs
Setup time, FS rising edge before SCLK falling edge, tsu(FSH-SCLKL) (TLC2551 only)
0.35
SCLKs
Hold time, FS hold high after SCLK falling edge, th(SCLKL-FSL) (TLC2551 only)
0.65
SCLKs
Pulse width CS high time, tw(H_CS)
100
ns
Pulse width FS high time, tw(H_FS) (TLC2551 only)
0.75
SCLKs
SCLK cycle time, VDD = 5.5 V to 4.5 V, tc(SCLK) (maximum tolerance of 40/60 duty cycle)
50
10000
ns
Pulse width low time, tw(L_SCLK)
0.4
0.6
SCLKs
Pulse width high time, tw(H_SCLK)
0.4
0.6
SCLKs
Hold time, hold from end of conversion to CS high, th(EOC-CSH)(EOCisinternal,indicatesendofconversion
time, tc)
0.05
µs
Active CS cycle time to reset internal MUX to AIN0, t(Reset cycle) (TLC2552 only)
4
7
SCLKs
Delay time, delay from CS falling edge to SDO valid, td(CSL-SDOV)
VDD = REF = 4.5 V, 25-pF load
40
ns
Delay time, delay from FS falling edge to SDO valid, td(FSL-SDOV)
(TLC2551 only)
VDD = REF = 4.5 V, 25-pF load
1
ns
Delay time, delay from SCLK rising edge to SDO valid,
td(SCLKH-SDOV)
VDD = REF = 4.5 V, 25-pF load
11
ns
Delay time, delay from 17th SCLK rising edge to SDO 3-state,
td(SCLK17H-SDOZ)
VDD = REF = 4.5 V, 25-pF load
30
ns
Conversion time, tc
28
SCLKs
Sampling time, t(sample)
See Note 2
300
ns
Operating free air temperature TA
TLC2551/2/5C
0
70
°C
Operating free-air temperature, TA
TLC2551/2/5I
–40
85
°C
NOTES:
1. Analog input voltages greater than that applied to VREF convert as all ones (111111111111), while input voltages less than that applied
to GND convert as all zeros(000000000000).
2. Minimal t(sample) is given by 0.9 × 50 pF × (RS + 0.5 kΩ), where RS is the source output impedance.


Similar Part No. - TLC2551ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551ID TI-TLC2551ID Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC2551IDGK TI-TLC2551IDGK Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLC2551ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com