Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2932A Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC2932A
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2932A Datasheet(HTML) 5 Page - Texas Instruments

  TLC2932A_16 Datasheet HTML 1Page - Texas Instruments TLC2932A_16 Datasheet HTML 2Page - Texas Instruments TLC2932A_16 Datasheet HTML 3Page - Texas Instruments TLC2932A_16 Datasheet HTML 4Page - Texas Instruments TLC2932A_16 Datasheet HTML 5Page - Texas Instruments TLC2932A_16 Datasheet HTML 6Page - Texas Instruments TLC2932A_16 Datasheet HTML 7Page - Texas Instruments TLC2932A_16 Datasheet HTML 8Page - Texas Instruments TLC2932A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TLC2932A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES150 − OCTOBER 2005
5
TI.COM
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (each supply), VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (each input), VIN (see Note 1)
−0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (each input), IIN
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (each output), IO
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to GND.
2. For operation above 25
_C free-air temperature, derate linearly at the rate of 5.6 mW/°C.
recommended operating conditions
PARAMETERS
MIN
TYP
MAX
UNIT
VDD = 3 V
2.85
3
3.15
Supply voltage (each supply, see Note 3)
VDD = 3.3 V
3.135
3.3
3.465
V
Supply voltage (each supply, see Note 3)
VDD = 5 V
4.75
5
5.25
V
Input voltage, (inputs except VCO IN)
0
VDD
V
Output current, (each output)
0
±2
mA
VCO control voltage at VCO IN
0.9
VDD
V
VDD = 3 V
13
32
Lock frequency
VDD = 3.3 V
13
35
MHz
Lock frequency
VDD = 5 V
15
55
MHz
VDD = 3 V
2.2
5.1
Bias Resisitor
VDD = 3.3 V
2.2
5.1
k
Bias Resisitor
VDD = 5 V
2.2
5.1
k
NOTE 3: It is recommended that the logic supply terminal (LOGIC VDD) and the VCO supply terminal (VCO VDD) should be at the same voltage
and separated from each other.
electrical characteristics, VDD = 3 V, TA = 25°C (unless otherwise noted)
VCO section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IOH = –2 mA
2.4
V
VOL
Low level output voltage
IOL = 2 mA
0.3
V
VTH
Input threshold voltage at select, VCO inhibit
0.9
1.5
2.1
V
II
Input current at Select, VCO inhibit
VI = VDD or GND
±1
µA
ZI(VCOIN)
VCO IN input impedance
VCO IN = 1/2 VDD
10
M
IDD(INH)
VCO supply current (inhibit)
See Note 4
0.35
1
µA
IDD(VCO)
VCO supply current
See Note 5
8.4
17
mA
NOTES:
4. Current into VCO VDD, when VCO INHIBIT = high, PFD is inhibited.
5. Current into VCO VDD, when VCO IN = 1/2 VDD, RBIAS = 3.3 kΩ, VCOOUT = 15−pF Load, VCO INHIBIT = GND, and PFD INHIBIT
= GND.


Similar Part No. - TLC2932A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932AIPW TI-TLC2932AIPW Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPWRG4 TI-TLC2932AIPWRG4 Datasheet
675Kb / 23P
[Old version datasheet]   HIGH PERFORMANCE PAHSE LOCKED LOOP
More results

Similar Description - TLC2932A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA5300A ZCOMM-PSA5300A Datasheet
80Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com