Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2274QDRG4Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274QDRG4Q1
Description  Advanced LinCMOS Rail-To-Rail Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274QDRG4Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLC2274QDRG4Q1 Datasheet HTML 1Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 2Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 3Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 4Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 5Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 6Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 7Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 8Page - Texas Instruments TLC2274QDRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
TLC2272-Q1, TLC2272A-Q1, TLC2274-Q1, TLC2274A-Q1
www.ti.com
SGLS007F – FEBRUARY 2003 – REVISED MARCH 2016
Product Folder Links: TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TLC2272-Q1
TLC2274-Q1
UNIT
D (SOIC)
PW (TSSOP)
D (SOIC)
PW (TSSOP)
8 PINS
8 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
115.6
175.8
83.8
111.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.8
58.8
43.2
41.2
°C/W
RθJB
Junction-to-board thermal resistance
55.9
104.3
38.4
54.7
°C/W
ψJT
Junction-to-top characterization parameter
14.3
5.9
9.4
3.9
°C/W
ψJB
Junction-to-board characterization
parameter
55.4
102.3
38.1
53.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
°C/W
(1)
TA = –40°C to 125°C.
(2)
Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
(3)
Referenced to 0 V.
6.5 TLC2272-Q1 and TLC2272A-Q1 Electrical Characteristics VDD = 5 V
at specified free-air temperature, VDD = 5 V; TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = 0 V, VDD± = ±2.5 V,
VO = 0 V, RS = 50 Ω
TLC2272-Q1
TA = 25°C
300
2500
µV
TLC2272A-Q1
300
950
TLC2272-Q1
Full Range(1)
3000
TLC2272A-Q1
1500
αVIO
Temperature coefficient of
input offset voltage
VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω
2
μV/°C
Input offset voltage long-term drift(2)
VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω
0.002
μV/mo
IIO
Input offset current
VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω
TA = 25°C
0.5
60
pA
Full Range(1)
800
IIB
Input bias current
VIC = 0 V, VDD± = ±2.5 V, VO = 0 V, RS = 50 Ω
TA = 25°C
1
60
pA
Full Range(1)
800
VICR
Common-mode input voltage
RS = 50 Ω; |VIO | ≤ 5 mV
TA = 25°C
–0.3
2.5
4
V
Full Range(1)
0
2.5
3.5
VOH
High-level output voltage
IOH = −20 μA
4.99
V
IOH = −200 μA
TA = 25°C
4.85
4.93
Full Range(1)
4.85
IOH = −1 mA
TA = 25°C
4.25
4.65
Full Range(1)
4.25
VOL
Low-level output voltage
VIC = 2.5 V
IOL = 50 μA
0.01
V
IOL = 500 μA
TA = 25°C
0.09
0.15
Full Range(1)
0.15
IOL = 5 mA
TA = 25°C
0.9
1.5
Full Range(1)
1.5
AVD
Large-signal differential
voltage amplification
VIC = 2.5 V, VO = 1 V to 4 V
RL = 10 kΩ
(3)
TA = 25°C
10
35
V/mV
Full Range(1)
10
RL = 1 MΩ
(3)
175
rid
Differential input resistance
1012
Ω
ri
Common-mode input resistance
1012
Ω
ci
Common-mode input capacitance
f = 10 kHz, P package
8
pF
zo
Closed-loop output impedance
f = 1 MHz, AV = 10
140
Ω
CMRR
Common-mode rejection ratio
VIC = 0 V to 2.7 V, VO = 2.5 V, RS = 50 Ω
TA = 25°C
70
75
dB
Full Range(1)
70


Similar Part No. - TLC2274QDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2274QDRG4Q1 TI-TLC2274QDRG4Q1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2274QDRG4Q1 TI1-TLC2274QDRG4Q1 Datasheet
741Kb / 39P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2274QDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com