Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3490-AL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # E3490-AL
Description  Common Mode Line Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

E3490-AL Datasheet(HTML) 2 Page - Coilcraft lnc.

  E3490-AL Datasheet HTML 1Page - Coilcraft lnc. E3490-AL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Common Mode Line Chokes – EE Styles
Document 141-2
Document 141-2 Revised 04/20/12
Standard EE Line Chokes
Standard EE Line Chokes – High Inductance
Part
Current
DCR max2
Inductance3
number
rating1
(Ohms)
min
E3490-AL
500 mA
0.980
9.9 mH
E3491-AL
750 mA
0.390
3.9 mH
E3492-AL
1 A
0.270
2.9 mH
E3493-AL
1¼ A
0.190
2.1 mH
E3494-AL
1½ A
0.105
1.1 mH
E3495-AL
2 A
0.069
731 µH
E3496-AL
2½ A
0.044
468 µH
E3497-AL
3 A
0.029
299 µH
E3498-AL
4 A
0.016
168 µH
1. Based on 300 circular mils/Amp. Temperature rise is less than 10°C.
2. DCR is maximum per winding.
3. Per section. Typical values are approximately 30% higher than published
minimums.
4. Ambient temperature range –40°C to +85°C.
5. Electrical specifications at 25°C.
6. Parts in bold type are included in Coilcraft Designer’s Kit No. P402.
Part
Current
DCR max2
Inductance3
number
rating1
(Ohms)
min
E3499-AL
500 mA
1.260
16.8 mH
E3500-AL
750 mA
0.500
6.6 mH
E3501-AL
1 A
0.350
4.9 mH
E3502-AL
1¼ A
0.230
3.6 mH
E3503-AL
1½ A
0.130
1.87 mH
E3504-AL
2 A
0.087
1.24 mH
E3505-AL
2½ A
0.055
796 µH
E3506-AL
3 A
0.037
508 µH
E3507-AL
4 A
0.022
286 µH
1. Based on 300 circular mils/Amp. Temperature rise is less than 10°C.
2. DCR is maximum per winding.
3. Per section. Typical values are approximately 30% higher than published
minimums.
4. Ambient temperature range –40°C to +85°C.
5. Electrical specifications at 25°C.
0.15 ±0.030
3,81 ±0,762
0.62 ±0.015
15,75 ±0,38
0.950
24,13
0.032
0,813
0.40
10,16
0.155
3,937
1.10
27,94
1.10
27,94
max
max
dia ref
max
min
ref
0.079
2,00
2
9
4
7
0.15 ±0.030
3,81 ±0,762
0.62 ±0.015
15,75 ±0,38
1.20
30,48
0.032
0,813
0.40
10,16
0.155
3,937
1.10
27,94
1.10
27,94
max
max
dia ref
max
min
ref
0.079
2,00
2
9
4
7
For custom values or information on toroidal common mode line chokes,
please contact Coilcraft.
Weight:
19 – 33.8 g
Terminations: Tin-silver over tin over copper
Weight:
19 – 33.8 g
Terminations: Tin-silver over tin over copper


Similar Part No. - E3490-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
More results

Similar Description - E3490-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
   Common Mode Line Chokes
logo
Premier Magnetics, Inc.
PM-OM01 PMI-PM-OM01 Datasheet
159Kb / 5P
   COMMON MODE LINE CHOKES
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com