Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2942 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC2942
Description  HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2942 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2942 Datasheet HTML 6Page - Texas Instruments TLC2942 Datasheet HTML 7Page - Texas Instruments TLC2942 Datasheet HTML 8Page - Texas Instruments TLC2942 Datasheet HTML 9Page - Texas Instruments TLC2942 Datasheet HTML 10Page - Texas Instruments TLC2942 Datasheet HTML 11Page - Texas Instruments TLC2942 Datasheet HTML 12Page - Texas Instruments TLC2942 Datasheet HTML 13Page - Texas Instruments TLC2942 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TLC2942
HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
SLAS146B – NOVEMBER 1996 – REVISED JUNE 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
VCO1, VCO2 electrical characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = – 2 mA
4
V
VOL
Low-level output voltage
IOL = 2 mA
0.5
V
VIT
Input threshold voltage
SELECT1, SELECT2,
VCOINHIBIT1, VCOINHIBIT2
1.5
2.5
3.5
V
II
Input current
SELECT1, SELECT2,
VCOINHIBIT1, VCOINHIBIT2
VI = VDD or GND
±1
µA
Zi(VCOIN)
Input impedance
VCOIN1, VCOIN2
VCOIN = 1/2 VDD
10
M
IDD(INH)
VCO supply current (inhibit) (each chip)
See Note 4
0.01
1
µA
IDD(VCO)
VCO supply current (each chip)
See Note 10
15
35
mA
NOTES: 4.
The current into VCO VDD and LOGIC VDD when VCOINHIBIT = VDD, and the PFD is inhibited.
10. The current into VCO VDD and LOGIC VDD when VCOIN = 1/2 VDD, RBIAS = 2.2 kΩ, VCOINHIBIT = GND, and the PFD is inhibited.
PFD1, PFD2 electrical characteristics, VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = 2 mA
4.5
V
VOL
Low-level output voltage
IOL = 2 mA
0.2
V
IOZ
High-impedance output current
PFD INHIBIT1, PFD INHIBIT2 = high,
VO = VDD or GND
±1
µA
VIH
High-level input voltage
FIN–A1, FIN–B1,
FIN–A2, FIN–B2
4.5
V
VIL
Low-level input voltage
FIN–A1, FIN–B1,
FIN–A2, FIN–B2
1
V
VIT
Input threshold voltage
PFD INHIBIT2,
PFD INHIBIT1
1.5
2.5
3.5
V
Ci
Input capacitance
FIN–A1, FIN–B1,
FIN–A2, FIN–B2
5
pF
Zi
Input impedance
FIN–A1, FIN–B1,
FIN–A2, FIN–B2
10
M
IDD(Z)
High-impedance state PFD supply current
See Note 6
0.1
1
µA
IDD(PFD)
PFD supply current (each chip)
See Note 11
0.15
3
mA
NOTES:
6. The current into LOGIC VDD, when FIN–A and FIN–B = GND, PFD INHIBIT= VDD, no load, and VCO OUT is inhibited.
11. The current into LOGIC VDD when FIN–A and FIN–B = 1 MHz with VI(PP) = 5-V rectangular wave, PFD INHIBIT = GND, no load,
and
VCO OUT is inhibited.


Similar Part No. - TLC2942

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942 TI-TLC2942 Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2942IDB TI-TLC2942IDB Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2942PW TI-TLC2942PW Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
More results

Similar Description - TLC2942

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942 TI-TLC2942 Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2943 TI-TLC2943 Datasheet
425Kb / 27P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com