Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2942IDBLE Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC2942IDBLE
Description  HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2942IDBLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC2942IDBLE Datasheet HTML 3Page - Texas Instruments TLC2942IDBLE Datasheet HTML 4Page - Texas Instruments TLC2942IDBLE Datasheet HTML 5Page - Texas Instruments TLC2942IDBLE Datasheet HTML 6Page - Texas Instruments TLC2942IDBLE Datasheet HTML 7Page - Texas Instruments TLC2942IDBLE Datasheet HTML 8Page - Texas Instruments TLC2942IDBLE Datasheet HTML 9Page - Texas Instruments TLC2942IDBLE Datasheet HTML 10Page - Texas Instruments TLC2942IDBLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TLC2942
HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
SLAS146B – NOVEMBER 1996 – REVISED JUNE 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (each supply), VDD (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (each input), VI (see Note 1)
– 0.5 V to VDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (each input), II
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (each output), IO
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation, at (or below) TA = 25°C (see Note 2)
1160 mW
. . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to network GND.
2. For operation above 25
°C free-air temperature, derate linearly at the rate of 9.3 mW/°C.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage VDD (each supply see Note 3)
VDD = 3 V
2.85
3
3.15
V
Supply voltage, VDD (each supply, see Note 3)
VDD = 5 V
4.75
5
5.25
V
Input voltage, VI, (all inputs except VCOIN1, VCOIN2)
0
VDD
V
Output current, IO (each output)
0
±2
mA
VCO control voltage at each VCOIN1, VCOIN2
0.9
VDD
V
Lock frequency (each VCO) (
×1 output)
VDD = 3 V
14
21
MHz
Lock frequency, (each VCO) (
×1 output)
VDD = 5 V
22
50
MHz
Lock frequency (each VCO) (
×1/2 output)
VDD = 3 V
7
10.5
MHz
Lock frequency, (each VCO) (
×1/2 output)
VDD = 5 V
11
25
MHz
Bias resistor (each BIAS) RBIAS1 RBIAS2
VDD = 3 V
2.2
3.3
4.3
k
Bias resistor, (each BIAS), RBIAS1, RBIAS2
VDD = 5 V
1.5
2.2
3.3
k
Operating temperature, TA
–20
75
°C
NOTE 3: It is recommended that LOGIC VDD1 and VCO VDD1 or LOGIC VDD2 and VCO VDD2 should be at the same voltage and separated from
each other.


Similar Part No. - TLC2942IDBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942IDB TI-TLC2942IDB Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
More results

Similar Description - TLC2942IDBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2942 TI-TLC2942 Datasheet
459Kb / 28P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED LOOP BUILDING BLOCK
TLC2943 TI-TLC2943 Datasheet
425Kb / 27P
[Old version datasheet]   HIGH-PERFORMANCE DUAL PHASE-LOCKED BUILDING BLOCK
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI-TLC2932A Datasheet
285Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com