Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AIP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AIP
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AIP Datasheet(HTML) 5 Page - Texas Instruments

  TLC2272AIP Datasheet HTML 1Page - Texas Instruments TLC2272AIP Datasheet HTML 2Page - Texas Instruments TLC2272AIP Datasheet HTML 3Page - Texas Instruments TLC2272AIP Datasheet HTML 4Page - Texas Instruments TLC2272AIP Datasheet HTML 5Page - Texas Instruments TLC2272AIP Datasheet HTML 6Page - Texas Instruments TLC2272AIP Datasheet HTML 7Page - Texas Instruments TLC2272AIP Datasheet HTML 8Page - Texas Instruments TLC2272AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the midpoint between VDD+ and VDD.
(3)
Differential voltages are at IN+ with respect to IN–. Excessive current will flow if input is brought below VDD– − 0.3 V.
(4)
The output may be shorted to either supply. Temperature or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VDD+
(2)
8
V
VDD-
(2)
–8
V
Differential input voltage, VID
(3)
±16
V
Input voltage, VI(any input)
(2)
VDD− − 0.3
VDD+
V
Input current, II (any input)
±5
mA
Output current, IO
±50
mA
Total current into VDD+
±50
mA
Total current out of VDD–
±50
mA
Duration of short-circuit current at (or below) 25°C(4)
Unlimited
Operating free-air temperature range, TA
C level parts
0
70
°C
I, Q level parts
–40
125
M level parts
–55
125
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D, N, P or PW package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J or U package
300
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per AEC
Q100-002(1)
Q-grade and M-grade devices in D and
PW packages
±2000
V
Charged-device model (CDM), per
AEC Q100-011
Q-grade and M-grade devices in D and
PW packages
±1000
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VDD±
Supply voltage
C LEVEL PARTS
±2.2
±8
V
I LEVEL PARTS
±2.2
±8
Q LEVEL PARTS
±2.2
±8
M LEVEL PARTS
±2.2
±8
VI
Input voltage
C LEVEL PARTS
VDD−
VDD+ −1.5
V
I LEVEL PARTS
VDD−
VDD+ −1.5
Q LEVEL PARTS
VDD−
VDD+ −1.5
M LEVEL PARTS
VDD−
VDD+ −1.5
VIC
Common-mode input voltage
C LEVEL PARTS
VDD−
VDD+ −1.5
V
I LEVEL PARTS
VDD−
VDD+ −1.5
Q LEVEL PARTS
VDD−
VDD+ −1.5
M LEVEL PARTS
VDD−
VDD+ −1.5


Similar Part No. - TLC2272AIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272AIP TI-TLC2272AIP Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AIP TI-TLC2272AIP Datasheet
816Kb / 52P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AIP TI-TLC2272AIP Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AIP TI-TLC2272AIP Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272AIP TI-TLC2272AIP Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2272AIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com