Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652AMFK Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC2652AMFK
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2652AMFK Datasheet(HTML) 2 Page - Texas Instruments

  TLC2652AMFK Datasheet HTML 1Page - Texas Instruments TLC2652AMFK Datasheet HTML 2Page - Texas Instruments TLC2652AMFK Datasheet HTML 3Page - Texas Instruments TLC2652AMFK Datasheet HTML 4Page - Texas Instruments TLC2652AMFK Datasheet HTML 5Page - Texas Instruments TLC2652AMFK Datasheet HTML 6Page - Texas Instruments TLC2652AMFK Datasheet HTML 7Page - Texas Instruments TLC2652AMFK Datasheet HTML 8Page - Texas Instruments TLC2652AMFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Innovative circuit techniques are used on the TLC2652 and TLC2652A to allow exceptionally fast overload
recovery time. If desired, an output clamp pin is available to reduce the recovery time even further.
The device inputs and output are designed to withstand
±100-mA surge currents without sustaining latch-up.
Additionally the TLC2652 and TLC2652A incorporate internal ESD-protection circuits that prevent functional
failures at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.2; however, care should be
exercised in handling these devices, as exposure to ESD may result in degradation of the device parametric
performance.
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I-suffix devices are characterized
for operation from − 40
°C to 85°C. The Q-suffix devices are characterized for operation from −40°C to125°C.
The M-suffix devices are characterized for operation over the full military temperature range of −55
°C to125°C.
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
VIOmax
8 PIN
14 PIN
20 PIN
CHIP
FORM
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D008)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
SMALL
OUTLINE
(D014)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
CHIP
CARRIER
(FK)
CHIP
FORM
(Y)
0
°C
1
µV
TLC2652AC-8D
TLC2652ACP
TLC2652AC-14D
TLC2652ACN
0 C
to
70 C
1
µV
3
µV
TLC2652AC-8D
TLC2652C-8D
TLC2652ACP
TLC2652CP
TLC2652AC-14D
TLC2652C - 14D
TLC2652ACN
TLC2652CN
TLC2652Y
to
70
°C
3
µV
TLC2652C-8D
TLC2652CP
TLC2652C - 14D
TLC2652CN
TLC2652Y
−40
°C
1
µV
TLC2652AI-8D
TLC2652AIP
TLC2652AI-14D
TLC2652AIN
−40 C
to
85 C
1
µV
3
µV
TLC2652AI-8D
TLC2652A-8D
TLC2652AIP
TLC2652IP
TLC2652AI-14D
TLC2652I-14D
TLC2652AIN
TLC2652IN
to
85
°C
3
µV
TLC2652A-8D
TLC2652IP
TLC2652I-14D
TLC2652IN
−40
°C
−40 C
to
125 C
3.5
µV
TLC2652Q-8D
to
125
°C
3.5
µV
TLC2652Q-8D
−55
°C
to
3
µV
TLC2652AM-8D
TLC2652AMJG
TLC2652AMP
TLC2652AM-14D
TLC2652AMJ
TLC2652AMN
TLC2652AMFK
to
125
°C
3
µV
3.5
µV
TLC2652AM-8D
TLC2652M-8D
TLC2652AMJG
TLC2652MJG
TLC2652AMP
TLC2652MP
TLC2652AM-14D
TLC2652M-14D
TLC2652AMJ
TLC2652MJ
TLC2652AMN
TLC2652MN
TLC2652AMFK
TLC2652MFK
The D008 and D014 packages are available taped and reeled. Add R suffix to the device type (e.g., TLC2652AC-8DR). Chips are tested at 25
°C.
NOTE (1): For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
functional block diagram
Clamp
Circuit
CLAMP
OUT
C RETURN
VDD −
Compensation-
Biasing
Circuit
VDD +
A
B
B
A
IN +
IN −
CXA
CXB
External Components
Null
Main
+
+
AB
DISTRIBUTION OF TLC2652
INPUT OFFSET VOLTAGE
VIO − Input Offset Voltage − µV
−3
−2
−1
0
1
2
3
0
4
8
12
16
20
24
28
32
36
150 Units Tested From 1 Wafer Lot
VDD ± = ±5 V
TA = 25°C
N Package
CIC
5
4
2
3
6
7
8
Pin numbers shown are for the D (14 pin), JG, and N packages.


Similar Part No. - TLC2652AMFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652AMFK TI-TLC2652AMFK Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AMFKB TI-TLC2652AMFKB Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2652AMFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
[Old version datasheet]   Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com