Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62128V25LL-100ZRC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62128V25LL-100ZRC
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128V25LL-100ZRC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62128V25LL-100ZRC Datasheet HTML 1Page - Cypress Semiconductor CY62128V25LL-100ZRC Datasheet HTML 2Page - Cypress Semiconductor CY62128V25LL-100ZRC Datasheet HTML 3Page - Cypress Semiconductor CY62128V25LL-100ZRC Datasheet HTML 4Page - Cypress Semiconductor CY62128V25LL-100ZRC Datasheet HTML 5Page - Cypress Semiconductor CY62128V25LL-100ZRC Datasheet HTML 6Page - Cypress Semiconductor CY62128V25LL-100ZRC Datasheet HTML 7Page - Cypress Semiconductor CY62128V25LL-100ZRC Datasheet HTML 8Page - Cypress Semiconductor CY62128V25LL-100ZRC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
128K x 8 Static RAM
CY62128V Family
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
March 27, 2000
amily
Features
• Low voltage range:
— 2.7V–3.6V (CY62128V)
— 2.3V–2.7V (CY62128V25)
— 1.6V–2.0V (CY62128V18)
• Low active power and standby power
• Easy memory expansion with CE and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected
• CMOS for optimum speed/power
Functional Description
The CY62128V family is composed of three high-performance
CMOS static RAMs organized as 131,072 words by 8 bits.
Easy memory expansion is provided by an active LOW Chip
Enable (CE1), an active HIGH Chip Enable (CE2), an active
LOW Output Enable (OE) and three-state drivers. These de-
vices have an automatic power-down feature, reducing the
power consumption by over 99% when deselected. The
CY62128V family is available in the standard 450-mil-wide
SOIC, 32-lead TSOP-I, and STSOP packages.
Writing to the device is accomplished by taking Chip Enable
one (CE1) and Write Enable (WE) inputs LOW and the Chip
Enable two (CE2) input HIGH. Data on the eight I/O pins (I/O0
through I/O7) is then written into the location specified on the
address pins (A0 through A16).
Reading from the device is accomplished by taking Chip En-
able one (CE1) and Output Enable (OE) LOW while forcing
Write Enable (WE) and Chip Enable two (CE2) HIGH. Under
these conditions, the contents of the memory location speci-
fied by the address pins will appear on the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE1
HIGH or CE2 LOW), the outputs are disabled (OE HIGH), or
during a write operation (CE1 LOW, CE2 HIGH, and WE LOW).
Logic Block Diagram
Pin Configurations
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE2
I/O1
I/O2
I/O3
512x 256x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A0
CE1
62128V-1
62128V-2
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
SOIC
12
13
29
32
31
30
16
15
17
18
GND
A16
A14
A12
A7
A6
A5
A4
A3
WE
VCC
A15
A13
A8
A9
I/O7
I/O6
I/O5
I/O4
A2
NC
I/O0
I/O1
I/O2
CE1
OE
A10
I/O3
A1
A0
A11
CE2
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I / STSOP
Top View
(not to scale)
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
NC
A10
I/O3
A1
A0
A3
A2
(not to scale)
Top View
Reverse Pinout
62128V-3
62128V-4


Similar Part No. - CY62128V25LL-100ZRC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128V CYPRESS-CY62128V Datasheet
344Kb / 12P
   128K x 8 Static RAM
CY62128V18L-200ZAI CYPRESS-CY62128V18L-200ZAI Datasheet
344Kb / 12P
   128K x 8 Static RAM
CY62128V18L-200ZC CYPRESS-CY62128V18L-200ZC Datasheet
344Kb / 12P
   128K x 8 Static RAM
CY62128V18LL-200ZAI CYPRESS-CY62128V18LL-200ZAI Datasheet
344Kb / 12P
   128K x 8 Static RAM
CY62128VL-70SC CYPRESS-CY62128VL-70SC Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results

Similar Description - CY62128V25LL-100ZRC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com