Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3702CPWG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC3702CPWG4
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3702CPWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC3702CPWG4 Datasheet HTML 2Page - Texas Instruments TLC3702CPWG4 Datasheet HTML 3Page - Texas Instruments TLC3702CPWG4 Datasheet HTML 4Page - Texas Instruments TLC3702CPWG4 Datasheet HTML 5Page - Texas Instruments TLC3702CPWG4 Datasheet HTML 6Page - Texas Instruments TLC3702CPWG4 Datasheet HTML 7Page - Texas Instruments TLC3702CPWG4 Datasheet HTML 8Page - Texas Instruments TLC3702CPWG4 Datasheet HTML 9Page - Texas Instruments TLC3702CPWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
TLC3702
DUAL MICROPOWER LinCMOS
™ VOLTAGE COMPARATORS
SLCS013E − NOVEMBER 1986 − REVISED MARCH 2012
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC3702C, TLC3702I
TLC3702M
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overdrive = 2 mV
4.5
f 10 kH
Overdrive = 5 mV
2.7
tPLH
Propagation delay time, low-to-high-level output
f = 10 kHz,
CL = 50 pF
Overdrive = 10 mV
1.9
μs
tPLH
Propagation delay time, low to high level output
CL = 50 pF
Overdrive = 20 mV
1.4
μs
Overdrive = 40 mV
1.1
VI = 1.4 V step at IN+
1.1
Overdrive = 2 mV
4
f 10 kH
Overdrive = 5 mV
2.3
tPHL
Propagation delay time, high-to-low-level output
f = 10 kHz,
CL = 50 pF
Overdrive = 10 mV
1.5
μs
tPHL
Propagation delay time, high to low level output
CL = 50 pF
Overdrive = 20 mV
0.95
μs
Overdrive = 40 mV
0.65
VI = 1.4 V step at IN+
0.15
tf
Fall time
f = 10 kHz,
CL = 50 pF
Overdrive = 50 mV
50
ns
tr
Rise time
f = 10 kHz,
CL = 50 pF
Overdrive = 50 mV
125
ns
Simultaneous switching of inputs causes degradation in output response.


Similar Part No. - TLC3702CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702CPWG4 TI1-TLC3702CPWG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results

Similar Description - TLC3702CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
[Old version datasheet]   QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_14 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com