Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0860 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # B0860
Description  Planar Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

B0860 Datasheet(HTML) 1 Page - Coilcraft lnc.

  B0860_15 Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Planar Transformer
Document 426
Document 426 Revised 05/10/07
For Maxim MAX5069A
PWM Controller
8
3
2
1
4
5
6
10
Pri
Sec
Aux
0.800
20,32
Recommended
Land Pattern
0.250
6,35
0.095
2,41
Ø 0.110
2,79
Ø 0.080
2,03
0.360
9,14
max
0.810
20,57
max
0.920
23,37
max
0.006 /0,15
1
10
6
5
1
2
3
4
5
6
8
10
Dot indicates pin 1
Input
Output
Output
Primary
Leakage
Part
Output
voltage
voltage
current
inductance2
inductance3
DCR max
Turns ratio4
number1
power (W)
range (V)
nom (V)
(A peak)
min (µH)
max (µH)
(mOhms)
pri:sec pri:aux
B0860-CL_
180
36 – 72
12
15
187.0
0.25
Pri: 38.0
10:4
10:3
Sec: 4.0
Aux: 120.0
1. When ordering, specify a
packaging code:
B0860-CLD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic
tape (200per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
The B0860-C is approved by Maxim for use with their
MAX5069A high-frequency, current-mode, pulse-width
modulation (PWM) controller.
This planar transformer can be used in push-pull, half-
bridge and full-bridge topologies. It is ideal for use in
high-current, isolated or nonisolated power supply ap-
plications. It offers high efficiency in a low-profile pack-
age and features split primary and secondary windings,
a separate auxiliary winding and 1500 Vdc primary to
secondary isolation.
Coilcraft’s
Planar Prototyping Kit C356 was used to de-
sign this transformer. No tooling or additional parts were
required. To order the kit, contact Coilcraft or purchase
on-line at
http://order.coilcraft.com.
Free evaluation samples of B0860-C are available by
contacting Coilcraft or by visiting
www.coilcraft.com.
Weight:
11.8 g
Terminations: Matte tin over nickel over brass
Tape and reel: 200/13
″ reel 44 mm tape width
2. Inductance measured on an Agilent/HP 4284 between pins 2 and 4 at 250
kHz, 0.1 Vrms, 0 Adc.
3. Leakage inductance measured between pins 2 and 4 at 250 kHz, 0.1Vrms,
0 Adc with pins 6, 8 and 10 shorted.
4. Turns ratio is with the primary windings and secondary windings connected
in series.
5. Storage and ambient operating temperature range: –40°C to +85°C.
6. Electrical specifications at 25°C.


Similar Part No. - B0860_15

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B0860-CL COILCRAFT-B0860-CL Datasheet
158Kb / 1P
   Planar Transformer
More results

Similar Description - B0860_15

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B0853-AL COILCRAFT-B0853-AL Datasheet
136Kb / 1P
   Planar Transformer
JA4309 COILCRAFT-JA4309_16 Datasheet
128Kb / 1P
   Planar Transformer
logo
Dongguan Mentech Optica...
TPEIR34-0066SG MNC-TPEIR34-0066SG Datasheet
172Kb / 1P
   PLANAR TRANSFORMER
logo
Allied Components Inter...
AEE32-4236 ALLIED-AEE32-4236 Datasheet
1,012Kb / 2P
   Planar Transformer
logo
Coilcraft lnc.
PA6605 COILCRAFT-PA6605_16 Datasheet
237Kb / 1P
   Planar Transformer
RA6998 COILCRAFT-RA6998_14 Datasheet
174Kb / 1P
   Planar Transformer
HA3648 COILCRAFT-HA3648_15 Datasheet
255Kb / 1P
   Planar Transformer
logo
Dongguan Mentech Optica...
TPEIR30-0067SG MNC-TPEIR30-0067SG Datasheet
255Kb / 1P
   PLANAR TRANSFORMER
TPEIR31-0198SG MNC-TPEIR31-0198SG Datasheet
149Kb / 1P
   PLANAR TRANSFORMER
TPER51-0160SG MNC-TPER51-0160SG Datasheet
176Kb / 1P
   PLANAR TRANSFORMER
logo
Coilcraft lnc.
C1539 COILCRAFT-C1539_11 Datasheet
189Kb / 1P
   Planar Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com