Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU15-1430R7BL Datasheet(PDF) 5 Page - Coilcraft lnc.

Part # BU15-1430R7BL
Description  Common Mode Chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

BU15-1430R7BL Datasheet(HTML) 5 Page - Coilcraft lnc.

  BU15-1430R7BL Datasheet HTML 1Page - Coilcraft lnc. BU15-1430R7BL Datasheet HTML 2Page - Coilcraft lnc. BU15-1430R7BL Datasheet HTML 3Page - Coilcraft lnc. BU15-1430R7BL Datasheet HTML 4Page - Coilcraft lnc. BU15-1430R7BL Datasheet HTML 5Page - Coilcraft lnc. BU15-1430R7BL Datasheet HTML 6Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 260-5
Document 260-5 Revised 08/06/13
Common Mode Chokes - BU15 Series
Frequency range
Inductance2
Inductance difference
Impedance max
@ 75% of
DCR1
Current
L1,L2
L1 - L2
Part number
(kOhms)
impedance max
(Ohms)
max (Aac)
min (mH)
max (µH)
BU15-4530R4BL
400 @ 230 kHz
140 – 160 kHz
3.0
0.40
45.0
300
BU15-1430R7BL
115 @ 470 kHz
400 – 650 kHz
1.0
0.70
14.0
300
BU15-7521R0BL
60 @ 600 kHz
420 – 720 kHz
0.6
1.00
7.5
150
BU15-4421R3BL
36 @ 670 kHz
430 – 1000 kHz
0.3
1.30
4.4
100
BU15-2721R6BL
20 @ 1000 kHz
510 – 1400 kHz
0.2
1.60
2.7
60
Typical Attenuation
Typical Impedance
0.177 ±0.04
4,5 ±1,0
0.40 ±0.02
10,0 ±0,5
0.40 ±0.02
10,0 ±0,5
0.91
23,0
max
max
1.08
27,5
0.028
0,7
0.047
1,2
max
0.75
19,0
0.51 ±0.02
13,0 ±0,5
0.51 ±0.02
13,0 ±0,5
Dot
indicates
pin1
2
1
3
4
3
3
2
2
2
4
4
4
1
1
1
1
Recommended
Board Layout
1. DCR is per winding
2. Inductance tested at 1 kHz, 1Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent.
3. 1000Vrms typical isolation between windings.
4. Electrical specifications at 25°C.


Similar Part No. - BU15-1430R7BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1506 PHILIPS-BU1506 Datasheet
66Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.300
logo
Vishay Siliconix
BU1506 VISHAY-BU1506 Datasheet
99Kb / 6P
   Enhanced PowerBridge Rectifiers
Revision: 15-Mar-11
BU1506 VISHAY-BU1506 Datasheet
153Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1506-E3 VISHAY-BU1506-E3 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
BU1506-E3/45 VISHAY-BU1506-E3/45 Datasheet
106Kb / 6P
   Bridge Rectifiers
Revision: 16-Aug-13
More results

Similar Description - BU15-1430R7BL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com