Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603USB-222ML_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0603USB-222ML_
Description  USB 3.0 Common Mode Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603USB-222ML_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  0603USB-222ML_ Datasheet HTML 1Page - Coilcraft lnc. 0603USB-222ML_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2014
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
USB 3.0 Common Mode Choke — 0603
Document 406-2
Typical differential mode attenuation (Ref: 50 Ohms)
Typical impedance vs frequency
Typical common mode attenuation (Ref: 50 Ohms)
1
2
3
4
5
6
0
110
100
1000
10000
Frequency (MHz)
0
5
10
15
20
25
30
110
100
1000
10000
Frequency (MHz)
110
100
1000
10000
Frequency (MHz)
100
1000
10
1
0.1
-222
-142
-251
-951
-601
-222
-142
-251
-951
-601
-251
-601
-951
-142
-222
Document 406-2 Revised 07/20/10


Similar Part No. - 0603USB-222ML_

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603USB-222ML COILCRAFT-0603USB-222ML Datasheet
224Kb / 2P
   Common Mode Choke
More results

Similar Description - 0603USB-222ML_

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SCM05-600M-RC ALLIED-SCM05-600M-RC Datasheet
2Mb / 1P
   USB 3.0 Common Mode Choke
SCM05 ALLIED-SCM05 Datasheet
2Mb / 1P
   USB 3.0 Common Mode Choke
SCM10-300M-RC ALLIED-SCM10-300M-RC_11 Datasheet
1Mb / 1P
   USB 2.0 Common Mode Choke
logo
Coilcraft lnc.
0805USB COILCRAFT-0805USB Datasheet
386Kb / 2P
   USB 2.0 Common Mode Choke
1206 COILCRAFT-1206 Datasheet
231Kb / 2P
   USB 2.0 Common Mode Choke
1206USB-113MLC COILCRAFT-1206USB-113MLC Datasheet
144Kb / 2P
   USB 2.0 Common Mode Choke
0805 COILCRAFT-0805 Datasheet
230Kb / 2P
   USB 2.0 Common Mode Choke
logo
Allied Components Inter...
SCM10 ALLIED-SCM10 Datasheet
1Mb / 1P
   USB 2.0 Common Mode Choke
SCM20 ALLIED-SCM20 Datasheet
449Kb / 1P
   USB 2.0 Common Mode Choke
SCM20-900M-RC ALLIED-SCM20-900M-RC_11 Datasheet
449Kb / 1P
   USB 2.0 Common Mode Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com