Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1550CT Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MBR1550CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBR1550CT Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MBR1550CT Datasheet HTML 1Page - Diode Semiconductor Korea MBR1550CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
10.2± 0.2
φ 3.8± 0.15
PIN
0.9± 0.1
2.5± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
PIN 1
PIN 3
CASE
PIN 2
Positive CT
Negative CT
Suffix "A"
CASE
PIN 2
PIN 3
PIN 1
PIN 1
PIN 3
CASE
PIN 2
Doubler
Suffix "D"
Dimensions in millimeters
FEATURES
MECHANICAL DATA
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device
m rectified current @T
C = 105°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forward
(IF=7.5A,TC=25 )
voltage
(I
F=7.5A ,TC=125
)
(Note 1)
(I
F=15A ,TC=25
)
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance (Note2)
R θJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance from junction to case.
m A
30
35
40
45
50
60
80
100
15
150
21
25
28
32
35
42
56
70
30
35
40
45
50
60
80
100
VOLTAGE RANGE: 30 - 100 V
CURRENT: 15 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC TO-220AB,m olded plastic body
SCHOTTKY BARRIER RECTIFIERS
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 150
-
55 ---- + 150
Term inals:Leads, solderable per MIL-STD-750,
1 1
Method 2026
IR
VF
0.1
1.0
0.1
3.0
TO-220AB
MBR1530CT---MBR15100CT
MBR
MBR
MBR
MBR
MBR
MBR
MBR
MBR
1530CT 1535CT 1540CT 1545CT 1550CT 1560CT 1580CT 15100CT
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
111wheeling, and polarity protection applications.
Polarity: As m arked
Weight: 0.071ounce, 2.006 grams
15
50
6.0
V
0.57
0.84
0.75
0.80
0.65
-
-
-
-
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
3)
3.TC=100
(IF=15A,TC=125
)
0.72
-
-
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MBR1550CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1550CT DIODES-MBR1550CT Datasheet
88Kb / 2P
   15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
logo
Vishay Siliconix
MBR1550CT VISHAY-MBR1550CT Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
logo
Taiwan Semiconductor Co...
MBR1550CT TSC-MBR1550CT Datasheet
212Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
General Semiconductor
MBR1550CT GE-MBR1550CT Datasheet
82Kb / 2P
   SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
MBR1550CT TSC-MBR1550CT Datasheet
483Kb / 2P
   15.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR1550CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com