Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C466A-25PTC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C466A-25PTC
Description  Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C466A-25PTC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C466A-25PTC Datasheet HTML 7Page - Cypress Semiconductor CY7C466A-25PTC Datasheet HTML 8Page - Cypress Semiconductor CY7C466A-25PTC Datasheet HTML 9Page - Cypress Semiconductor CY7C466A-25PTC Datasheet HTML 10Page - Cypress Semiconductor CY7C466A-25PTC Datasheet HTML 11Page - Cypress Semiconductor CY7C466A-25PTC Datasheet HTML 12Page - Cypress Semiconductor CY7C466A-25PTC Datasheet HTML 13Page - Cypress Semiconductor CY7C466A-25PTC Datasheet HTML 14Page - Cypress Semiconductor CY7C466A-25PTC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY7C460A/CY7C462A
CY7C464A/CY7C466A
Document #: 38-06011 Rev. *A
Page 11 of 15
Ordering Information (continued)
64K x 9 Asynchronous FIFO
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
10
CY7C466A-10JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C466A-10PC
P15
28-Lead (600-Mil) Molded DIP
CY7C466A-10PTC
P21
28-Lead (300-Mil) Molded DIP
CY7C466A-10JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
15
CY7C466A-15JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C466A-15PC
P15
28-Lead (600-Mil) Molded DIP
CY7C466A-15PTC
P21
28-Lead (300-Mil) Molded DIP
CY7C466A-15LMB
L55
32-Pin Rectangular Leadless Chip Carrier
Military
25
CY7C466A-25JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C466A-25PC
P15
28-Lead (600-Mil) Molded DIP
CY7C466A-25PTC
P21
28-Lead (300-Mil) Molded DIP


Similar Part No. - CY7C466A-25PTC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C466A-25PTC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com