Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0402ME-6N8XGL_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0402ME-6N8XGL_
Description  Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0402ME-6N8XGL_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  0402ME-6N8XGL_ Datasheet HTML 1Page - Coilcraft lnc. 0402ME-6N8XGL_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
ChipInductors–0402MESeries(1005)
Document 434 -1
Document 434-1 Revised 05/01/12
Inductance2
Percent
Q4
Q typ at
Q typ at
Q typ at
SRF min5 DCR max6
Irms7 Overall
Part number1
(nH)
tolerance3
nom
300 MHz
800 MHz
1.5 GHz
(GHz)
(Ohms)
(mA)
width
0402ME-1N5XJL_
1.5
5
10
30
55
65
18.0
0.03
1500
B1
0402ME-2N4XJL_
2.4
5
20
40
65
80
15.0
0.05
1200
B1
0402ME-2N7XJL_
2.7
5
20
40
67
85
15.0
0.05
1200
B1
0402ME-3N9XJL_
3.9
5
25
35
58
82
10.0
0.07
1000
B1
0402ME-4N3XJL_
4.3
5
25
35
58
90
10.0
0.07
1000
B1
0402ME-4N7XJL_
4.7
5
25
40
65
85
8.0
0.07
1000
B1
0402ME-5N1XJL_
5.1
5
25
35
60
78
8.0
0.12
800
B1
0402ME-6N2XGL_
6.2
2
25
40
63
80
8.0
0.09
950
B1
0402ME-6N8XGL_
6.8
2
25
45
70
90
6.0
0.09
950
B1
0402ME-7N5XGL_
7.5
2
25
38
58
75
6.0
0.13
850
B1
0402ME-8N2XGL_
8.2
2
25
40
62
80
5.5
0.14
800
B1
0402ME-9N1XGL_
9.1
2
25
40
62
85
5.5
0.14
800
B1
0402ME-10NXGL_
10
2
25
38
60
75
5.5
0.17
750
B1
0402ME-12NXGL_
12
2
30
40
60
80
5.5
0.14
750
B1
0402ME-13NXGL_
13
2
30
35
55
70
5.0
0.21
430
B1
0402ME-15NXGL_
15
2
30
40
60
80
5.0
0.16
700
B1
0402ME-16NXGL_
16
2
20
40
60
80
4.5
0.24
370
B1
0402ME-18NXGL_
18
2
25
40
63
80
4.5
0.27
500
B1
0402ME-20NXGL_
20
2
25
37
57
78
4.0
0.27
500
B1
0402ME-22NXGL_
22
2
25
35
55
73
4.0
0.30
500
B1
0402ME-24NXGL_
24
2
25
35
50
48
3.5
0.52
400
B1
0402ME-27NXGL_
27
2
25
35
55
60
3.5
0.52
400
B2
0402ME-30NXGL_
30
2
25
35
55
65
3.3
0.58
390
B2
0402ME-33NXGL_
33
2
25
35
55
60
3.2
0.63
380
B2
0402ME-36NXGL_
36
2
25
35
55
60
3.1
0.63
380
B2
0402ME-39NXGL_
39
2
25
35
55
62
3.0
0.70
350
B2
0402ME-47NXGL_
47
2
25
34
52
60
2.9
1.08
270
B2
0402ME-56NXGL_
56
2
25
36
53
50
2.8
1.17
210
B2
0402ME-82NXGL_
82
2
20
35
49
2.3
2.24
130
B2
1. When ordering, please specify
packaging code:
0402ME-56NXJLW
Packaging: W= 7
″ machine-ready reel. 2000 parts per full reel,
EIA-481 punched paper tape:
8 mm wide,
1.68 mm thick, 2 mm pocket spacing.
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter W instead.
2. Inductance measured at 100 MHz, 0.1 Vrms, 0 Adc using Coilcraft
SMD-F fixture in Agilent/HP 4284A impedance analyzer with Coilcraft-
provided correlation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using Agilent/HP4291A with Agilent/HP 16193 test fixture.
5. SRF measured using Agilent/HP 8753D network analyzer and Coilcraft
SMD-D test fixture.
6. DCR measured on Cambridge Technology micro-ohmmeter and Coil-
craft CCF858 test fixture.
7. Current that causes a 20°C rise from 25°C ambient.
8. Operating temperature range
−40°C to +125°C.
9. Electrical specifications at 25°C.
The 0402ME chip inductors offer outstanding SRF and ex-
cellent Q values at higher frequencies. They feature very
low DC resistance and higher current ratings than other
0402-size inductors.
Designed to be comparable with other industry standards,
they are available in 28 inductance values from 1.5 nH to
82 nH, most at 2% tolerance.
These inductors are ideal for use in high-frequency tele-
communicationsequipmentandinresonancecircuitssuch
as voltage-controlled oscillators (VCO). Their excellent
current handling makes them perfect for power-amplifier
applications.
Contact Coilcraft to request free evaluation samples.
A
B
overall
E
terminal
F
D
D
G
C
H
Recommended
Land Pattern
Terminal wraparound:
approx 0.007/0,18 both ends
Terminations: Silver-palladium-platinum-glass frit
Note:
B1 = 0.024 ±0.004 in / 0,61 ±0,1 mm
B2 = 0.0196 ±0.004 in 0,50 ±0,1 mm
A
B
C
D
E
F
G
H
0.039 ±0.004
0.020 ±0.004 0.008 ±0.004 0.020 ±0.004 0.020 0.047 0.026
1,0 ±0,1
0,51 ±0,1
0,2 ±0,1
0,5 ±0,1
0,5
1,2
0,65
See
note


Similar Part No. - 0402ME-6N8XGL_

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
0402M080KRR CERAMATE-0402M080KRR Datasheet
251Kb / 9P
   Zinc Oxide
0402M120KRR CERAMATE-0402M120KRR Datasheet
251Kb / 9P
   Zinc Oxide
0402M150KRR CERAMATE-0402M150KRR Datasheet
251Kb / 9P
   Zinc Oxide
0402M180KRR CERAMATE-0402M180KRR Datasheet
251Kb / 9P
   Zinc Oxide
0402M220KRR CERAMATE-0402M220KRR Datasheet
251Kb / 9P
   Zinc Oxide
More results

Similar Description - 0402ME-6N8XGL_

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com