Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2080CT Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MBR2080CT
Description  DUAL SCHOTTKY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBR2080CT Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MBR2080CT Datasheet HTML 1Page - Diode Semiconductor Korea MBR2080CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
10.2± 0.2
φ 3.8± 0.15
PIN
0.9± 0.1
2.5± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
PIN 1
PIN 3
CASE
PIN 2
Positive CT
Negative CT
Suffix "A"
CASE
PIN 2
PIN 3
PIN 1
PIN 1
PIN 3
CASE
PIN 2
Doubler
Suffix "D"
Dimensions in millimeters
FEATURES
MECHANICAL DATA
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
UNITS
Maximumrecurrent peak reverse voltage
VRRM
V
Maximumworking peak reverse voltage
VRWM
V
MaximumDC blocking voltage
VDC
V
Maximumaverage forw ard total device1
111rectified current
@ T
C = 133
IF(AV)
A
Peak forw ard surge current 8.3 ms single half
b sine-wave superimposed on rated load
IFSM
A
Maximumforward
(I
F=10A,TC=25
)
voltage per leg
(I
F=10A,TC=125
)
(NOTE1)
(I
F=20A,TC=25
)
(I
F=20A,TC=125
)
Maximumreverse current
@T
A=25
at rated DCblocking voltage
@T
A=125
Maximum junction capacitance (NOTE2)
CT
pF
Operating junction temperature range
TJ
Storage temperature range
TSTG
2.
VR=5VDC,(test signal range 100KHz to 1MHz
63
70
70
80
150.0
TO-220AB
20.0
90
100
49
56
MBR20
100CT
70
80
90
100
MBR20
80CT MBR2090CT
mA
0.
70
0.
95
0.
85
0.1
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 175
-
55 ---- + 150
VOLTAGE RANGE: 70 - 100 V
CURRENT: 20 A
Metal silicon junction, majoritycarrier conduction.
Case:JEDEC TO-220AB,molded plastic body
Terminals:
Solderable per MIL-STD-750,
11 Method 2026
DUAL SCHOTTKY RECTIFIERS
V
6.0
MBR2070CT---MBR20100CT
MBR20
70CT
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequencyinverters, free
111 wheeling, and polarityprotection applications.
Polarity: As marked
Weight: 0.0
71 ounce, 2.006 grams
High current capacity, low forward voltage drop.
400
VF
0.
85
IR
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MBR2080CT

ManufacturerPart #DatasheetDescription
logo
Nantong Hornby Electron...
MBR2080CT HORNBY-MBR2080CT Datasheet
261Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Motorola, Inc
MBR2080CT MOTOROLA-MBR2080CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Micro Commercial Compon...
MBR2080CT MCC-MBR2080CT Datasheet
188Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2080CT MCC-MBR2080CT Datasheet
279Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Microdiode Electronics ...
MBR2080CT CHENDA-MBR2080CT Datasheet
625Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR2080CT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
   Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1020CT DSK-SR1020CT Datasheet
113Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com