Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3040CT Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MBR3040CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MBR3040CT Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MBR3040CT Datasheet HTML 1Page - Diode Semiconductor Korea MBR3040CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
500
.4
.5
.9
1.1
10
.6
1.0
.7
.8
Pulse width = 300
µs
1% Duty Cycle
1.3 1.4
.3
1.2
1
100 TJ=125
TJ=25
1.5
MBR3030CT-MBR3045CT
MBR3050CT-MBR3060CT
MBR3080CT-MBR30100CT
10
040
6
0
20
100
120
140
80
MBR3030CT-MBR3060CT
.
1
1
.01
MBR3080CT-MBR30100CT
TC=125
TC=25
MBR3080CT-MBR30100CT
MBR3030CT-MBR3060CT
0
40
1
100
200
80
120
160
10
8.3ms Single Half Sine Wave
TJ=125
25
50
75
100
125
150
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
MBR3030CT- - - MBR30100CT
NUMBER OF CYCLES AT 60HZ
CASE
TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.1 -- PEAK FORWARD SURGE CURRENT
0
6.0
12
18
24
30
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - MBR3040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3040CT MCC-MBR3040CT Datasheet
134Kb / 2P
   30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Kersemi Electronic Co.,...
MBR3040CT KERSEMI-MBR3040CT Datasheet
852Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Sirectifier Semiconduct...
MBR3040CT SIRECTIFIER-MBR3040CT Datasheet
94Kb / 2P
   High Tjm Low IRRM Schottky Barrier Diodes
logo
List of Unclassifed Man...
MBR3040CT ETC1-MBR3040CT Datasheet
88Kb / 2P
   High Tjm Schottky Barrier Diodes
logo
Kersemi Electronic Co.,...
MBR3040CT KERSEMI-MBR3040CT Datasheet
492Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
More results

Similar Description - MBR3040CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com