Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY628400ALT2-E Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY628400ALT2-E
Description  512K x8 bit 5.0V Low Power CMOS slow SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY628400ALT2-E Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY628400ALT2-E Datasheet HTML 3Page - Hynix Semiconductor HY628400ALT2-E Datasheet HTML 4Page - Hynix Semiconductor HY628400ALT2-E Datasheet HTML 5Page - Hynix Semiconductor HY628400ALT2-E Datasheet HTML 6Page - Hynix Semiconductor HY628400ALT2-E Datasheet HTML 7Page - Hynix Semiconductor HY628400ALT2-E Datasheet HTML 8Page - Hynix Semiconductor HY628400ALT2-E Datasheet HTML 9Page - Hynix Semiconductor HY628400ALT2-E Datasheet HTML 10Page - Hynix Semiconductor HY628400ALT2-E Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HY628400A Series
Rev 07 / Apr. 2001
10
MARKING INFORMATION
h
y
n
i
x
K
O
R
E
A
H
Y
6
2
8
4
0
0
A
y
y
w
w
p
c
c
G
-
s
s
t
h
y
n
i
x
K
O
R
E
A
H
Y
6
2
8
4
0
0
A
y
y
w
w
p
c
c
T
2
-
s
s
t
SOP
TSOP-II
Package
Marking Example
Index
• hynix
: hynix Logo
• KOREA
: Origin Country
• HY628400A
: Part Name
• yy
: Year ( ex : 00 = year 2000, 01 = year 2001 )
• ww
: Work Week ( ex : 12 = ww12 )
• p
: Process Code
• cc
: Power Consumption
- L
: Low Power
- LL
: Low Low Power
• G / T2
: Package Type
- G
: SOP
- T2
: TSOP-II
• ss
: Speed
- 55
: 55ns
- 70
: 70ns
• t
: Temperature
- Blank
: Commercial ( 0 ~ 70
°C )
- E
: Extended ( -25 ~ 85
°C )
- I
: Industrial ( -40 ~ 85
°C )
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item (Except hynix)
h
y
n
i
x
K
O
R
E
A
h
y
n
i
x
K
O
R
E
A
H
Y
6
2
8
4
0
0
A
H
Y
6
2
8
4
0
0
A
y
y
w
w
p
c
c
G
-
s
s
t
y
y
w
w
p
c
c
G
-
s
s
t
h
y
n
i
x
K
O
R
E
A
h
y
n
i
x
K
O
R
E
A
H
Y
6
2
8
4
0
0
A
H
Y
6
2
8
4
0
0
A
y
y
w
w
p
c
c
T
2
-
s
s
t
y
y
w
w
p
c
c
T
2
-
s
s
t
SOP
TSOP-II
Package
Marking Example
Index
• hynix
: hynix Logo
• KOREA
: Origin Country
• HY628400A
: Part Name
• yy
: Year ( ex : 00 = year 2000, 01 = year 2001 )
• ww
: Work Week ( ex : 12 = ww12 )
• p
: Process Code
• cc
: Power Consumption
- L
: Low Power
- LL
: Low Low Power
• G / T2
: Package Type
- G
: SOP
- T2
: TSOP-II
• ss
: Speed
- 55
: 55ns
- 70
: 70ns
• t
: Temperature
- Blank
: Commercial ( 0 ~ 70
°C )
- E
: Extended ( -25 ~ 85
°C )
- I
: Industrial ( -40 ~ 85
°C )
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item (Except hynix)


Similar Part No. - HY628400ALT2-E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100AG HYNIX-HY628100AG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALG HYNIX-HY628100ALG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLG HYNIX-HY628100ALLG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLT1 HYNIX-HY628100ALLT1 Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
More results

Similar Description - HY628400ALT2-E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY62SF16804B HYNIX-HY62SF16804B Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com