Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33364D1 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33364D1
Description  Critical Conduction GreenLine SMPS Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33364D1 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33364D1 Datasheet HTML 2Page - ON Semiconductor MC33364D1 Datasheet HTML 3Page - ON Semiconductor MC33364D1 Datasheet HTML 4Page - ON Semiconductor MC33364D1 Datasheet HTML 5Page - ON Semiconductor MC33364D1 Datasheet HTML 6Page - ON Semiconductor MC33364D1 Datasheet HTML 7Page - ON Semiconductor MC33364D1 Datasheet HTML 8Page - ON Semiconductor MC33364D1 Datasheet HTML 9Page - ON Semiconductor MC33364D1 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC33364
http://onsemi.com
6
10
RESISTOR (kΩ)
0
100
1000
--55
500
TA, AMBIENT TEMPERATURE (C)
450
400
350
300
--25
0
25
50
75
100
125
VCC =15 V
Figure 5. Drive Output Waveform
Figure 6. Watchdog Timer Delay
versus Temperature
25
5.0 ms/DIV
20
15
10
0
--5.0
4.0
6.0
VCC, SUPPLY VOLTAGE (V)
Circuit of Figure
12
TA =25C
4.0
2.0
0
6.0
8.0
10
12
14
16
Figure 7. Supply Current
versus Supply Voltage
0.01
1000
t, TIME (s)
100
10
0.1
1.0
10
100
Figure 8. Transient Thermal Resistance
DSuffix
16 Pin SOIC
Figure 9. Minimum Off--time versus Timing Resistor
on the FC Pin
5
10
20
40
VCC =14 V
CL = 1000 pF
TA =25C
30
5.0
15
0
FEEDBACK VOLTAGE
--0.4
1.0
2.5
3.5
5.0
Figure 10. Feedback Voltage versus
Current Sense Voltage
--0.2
0
0.4
0.6
0.2
0.5
1.5
3.0
4.0
2.0
4.5
0.8
1.0
1.2
1.4
6.0
5.5
DSuffix
16 Pin SOIC
TA =25C
VCC =15 V
25
30
35
FC--to--Vref
FC--to--Gnd


Similar Part No. - MC33364D1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33364D1 ONSEMI-MC33364D1 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364D1G ONSEMI-MC33364D1G Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364D1G ONSEMI-MC33364D1G Datasheet
319Kb / 16P
   Critical Conduction GreenLinet SMPS Controller
November, 2010 -- Rev. 18
MC33364D1R2 ONSEMI-MC33364D1R2 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364D1R2G ONSEMI-MC33364D1R2G Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
More results

Similar Description - MC33364D1

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
logo
ON Semiconductor
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC33364 ONSEMI-MC33364 Datasheet
319Kb / 16P
   Critical Conduction GreenLinet SMPS Controller
November, 2010 -- Rev. 18
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com