Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY628400ALLT2-I Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY628400ALLT2-I
Description  512K x8 bit 5.0V Low Power CMOS slow SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY628400ALLT2-I Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY628400ALLT2-I Datasheet HTML 3Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 4Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 5Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 6Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 7Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 8Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 9Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 10Page - Hynix Semiconductor HY628400ALLT2-I Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HY628400A Series
Rev 07 / Apr. 2001
9
32pin 525mil Small Outline Package(G)
UNIT : INCH(mm)
0.444(11.278)
0.438(11.125)
0.564(14.326)
0.546(13.868)
0.810(20.574)
0.804(20.422)
0.109(2.769)
0.099(2.515)
0.011(0.279)
0.004(0.102)
0.020(0.508)
0.014(0.356)
0.050(1.27)BSC
0.0125(0.318)
0.0061(0.155)
0.0425(1.080)
0.0235(0.597)
0 deg
8 deg


Similar Part No. - HY628400ALLT2-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100AG HYNIX-HY628100AG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALG HYNIX-HY628100ALG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLG HYNIX-HY628100ALLG Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY628100ALLT1 HYNIX-HY628100ALLT1 Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
More results

Similar Description - HY628400ALLT2-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62V8100B HYNIX-HY62V8100B Datasheet
205Kb / 12P
   128K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
HY62SF16804B HYNIX-HY62SF16804B Datasheet
311Kb / 10P
   512K x16 bit 1.8V Super Low Power Full CMOS slow SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com