Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR16R16228DF0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # MR16R16228DF0
Description  Key Timing Parameters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MR16R16228DF0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button MR16R16228DF0 Datasheet HTML 2Page - Samsung semiconductor MR16R16228DF0 Datasheet HTML 3Page - Samsung semiconductor MR16R16228DF0 Datasheet HTML 4Page - Samsung semiconductor MR16R16228DF0 Datasheet HTML 5Page - Samsung semiconductor MR16R16228DF0 Datasheet HTML 6Page - Samsung semiconductor MR16R16228DF0 Datasheet HTML 7Page - Samsung semiconductor MR16R16228DF0 Datasheet HTML 8Page - Samsung semiconductor MR16R16228DF0 Datasheet HTML 9Page - Samsung semiconductor MR16R16228DF0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Page 5
Version 1.0 July 2002
MR16R1622(4/8/G)DF0
MR18R1622(4/8/G)DF0
SIO0
SIO1
SCK
CMD
Vref
RDRAM Device(256/288Mb)
U1
Vdd
Gnd
2 per
RDRAM device
SCL
SDA
A0 A1
SCL
SA0
SA1
SDA
Serial Presence Detect
Note 1. RambusChannel signals form a loop through
the RIMM module, with the exception of the SIO chain.
SIO0
SIO1
SCK
CMD
Vref
RDRAM Device(256/288Mb)
SIO0
SIO1
SCK
CMD
Vref
RDRAM Device(256/288Mb)
SIO0
SIO1
SCK
CMD
Vref
RDRAM Device(256/288Mb)
VREF
Gnd
1 per
2 RDRAM devices
VCMOS
Gnd
1 per
2 RDRAM devices
A2
SA2
WP
SWP
U0
Vcc
SVDD
0.22/0.1
µFa
0.22/0.1
µFa
0.22/0.1
µFa
SVDD
Gnd
Plus one
Near Connector
47K
U2
U3
UN
Note 2. See Serial Presence Detection Specification for
information on the SPD device and its contents.
Module
Capacity
N
512/576MB
16
256/288MB
8
128/144MB
4
64/72MB
2
0.22/0.1
µFa
a .
∗ 0.1 µF : 800MHz products
for 64/72MB, 128/144MB and
256/288MB
∗ 0.22 µF : the other products
Figure 2: RIMM Module Functional Diagram


Similar Part No. - MR16R16228DF0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR16R1622AF0 SAMSUNG-MR16R1622AF0 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
MR16R1622AF0-CK8 SAMSUNG-MR16R1622AF0-CK8 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
MR16R1622AF0-CM8 SAMSUNG-MR16R1622AF0-CM8 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
More results

Similar Description - MR16R16228DF0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R1624GEG0 SAMSUNG-MR18R1624GEG0 Datasheet
442Kb / 16P
   Key Timing Parameters
logo
Infineon Technologies A...
IDP08E65D1 INFINEON-IDP08E65D1 Datasheet
1Mb / 11P
   Temperature stable behaviour of key parameters
Rev.2.2,2013-12-16
logo
Kersemi Electronic Co.,...
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
logo
International Rectifier
IRFS5615PBF IRF-IRFS5615PBF Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio
logo
National Semiconductor ...
DS90UR241 NSC-DS90UR241_10 Datasheet
162Kb / 4P
   Spread Spectrum Tolerance Support Three key parameters, frequency
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS4020PBF IRF-IRFS4020PBF_15 Datasheet
337Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com