Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3990MF-1.8 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3990MF-1.8
Description  150-mA Linear Voltage Regulator for Digital Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3990MF-1.8 Datasheet(HTML) 1 Page - Texas Instruments

  LP3990MF-1.8 Datasheet HTML 1Page - Texas Instruments LP3990MF-1.8 Datasheet HTML 2Page - Texas Instruments LP3990MF-1.8 Datasheet HTML 3Page - Texas Instruments LP3990MF-1.8 Datasheet HTML 4Page - Texas Instruments LP3990MF-1.8 Datasheet HTML 5Page - Texas Instruments LP3990MF-1.8 Datasheet HTML 6Page - Texas Instruments LP3990MF-1.8 Datasheet HTML 7Page - Texas Instruments LP3990MF-1.8 Datasheet HTML 8Page - Texas Instruments LP3990MF-1.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
EN
IN
OUT
GND
VIN
VEN
GND
VOUT
LP3990
COUT
1 µF
CIN
1 µF
OFF
ON
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3990
SNVS251J – MAY 2004 – REVISED SEPTEMBER 2014
LP3990 150-mA Linear Voltage Regulator for Digital Applications
1 Features
3 Description
The LP3990 regulator is designed to meet the
1
1% Voltage Accuracy at Room Temperature
requirements of portable, battery-powered systems
Stable with Ceramic Capacitor
providing an accurate output voltage, low-noise, and
Logic Controlled Enable
low-quiescent current. The LP3990 will provide a 0.8-
V output from the low input voltage of 2 V at up to a
No Noise Bypass Capacitor Required
150-mA load current. When switched into shutdown
Thermal-Overload and Short-Circuit Protection
mode via a logic signal at the enable pin (EN), the
Input Voltage Range, 2 V to 6 V
power consumption is reduced to virtually zero.
Output Voltage Range, 0.8 V to 3.3 V
The LP3990 is designed to be stable with space-
Output Current, 150 mA
saving ceramic capacitors with values as low as 1 µF.
Output Stable - Capacitors, 1 µF
Performance is specified for a –40°C to 125°C
Virtually Zero IQ (Disabled), < 10 nA
junction temperature range.
Very Low IQ (Enabled), 43 µA
For output voltages other than 0.8 V, 1.2 V, 1.35 V,
Low Output Noise, 150 µVRMS
1.5 V, 1.8 V, 2.5 V, 2.8 V, or 3.3 V, please contact
the Texas Instruments sales office.
PSRR, 55 dB at 1 kHz
Fast Start-Up, 105 µs
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
DSBGA (4)
1.324 mm x 1.045 mm (MAX)
Cellular Handsets
LP3990
WSON (6)
2.90 mm x 1.60 mm
Hand-Held Information Appliances
SOT-23 (5)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3990MF-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990MF-1.8 NSC-LP3990MF-1.8 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990MF-1.8 TI-LP3990MF-1.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-1.8 TI-LP3990MF-1.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990MF-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI-LP3990-Q1_15 Datasheet
815Kb / 22P
[Old version datasheet]   LP3990-Q1 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Nisshinbo Micro Devices...
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
   150 mA LDO Regulator for Industrial Applications
logo
ON Semiconductor
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com