Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD10N10ELT4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MTD10N10ELT4
Description  TMOS E-FET Power Field Effect Transistor DPAK for Surface Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD10N10ELT4 Datasheet(HTML) 1 Page - ON Semiconductor

  MTD10N10ELT4 Datasheet HTML 1Page - ON Semiconductor MTD10N10ELT4 Datasheet HTML 2Page - ON Semiconductor MTD10N10ELT4 Datasheet HTML 3Page - ON Semiconductor MTD10N10ELT4 Datasheet HTML 4Page - ON Semiconductor MTD10N10ELT4 Datasheet HTML 5Page - ON Semiconductor MTD10N10ELT4 Datasheet HTML 6Page - ON Semiconductor MTD10N10ELT4 Datasheet HTML 7Page - ON Semiconductor MTD10N10ELT4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
March, 2004 − Rev. 1
1
Publication Order Number:
MTD10N10EL/D
MTD10N10EL
TMOS E−FET™
Power Field Effect Transistor
DPAK for Surface Mount
N−Channel Enhancement−Mode Silicon
Gate
This advanced TMOS E−FET is designed to withstand high energy
in the avalanche and commutation modes. The new energy efficient
design also offers a drain−to−source diode with a fast recovery time.
Designed for low voltage, high speed switching applications in power
supplies, converters and PWM motor controls, these devices are
particularly well suited for bridge circuits where diode speed and
commutating safe operating areas are critical and offer additional
safety margin against unexpected voltage transients.
Features
Avalanche Energy Specified
Source−to−Drain Diode Recovery Time Comparable to a Discrete
Fast Recovery Diode
Diode is Characterized for Use in Bridge Circuits
I
DSS and VDS(on) Specified at Elevated Temperature
Surface Mount Package Available in 16 mm, 13−inch/2500
Unit Tape & Reel, Add T4 Suffix to Part Number
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
100
Vdc
Gate−to−Source Voltage — Continuous
— Non−Repetitive (tp ≤ 10 ms)
VGS
VGSM
±15
±20
Vdc
Vpk
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
10
6.0
35
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
Total Power Dissipation @ TA = 25°C (Note 2)
PD
40
0.32
1.75
Watts
W/
°C
Watts
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc, IL = 10 Apk,
L = 1.0 mH, RG =25 Ω)
EAS
50
mJ
Thermal Resistance — Junction to Case
— Junction to Ambient (Note 1)
— Junction to Ambient (Note 2)
RθJC
RθJA
RθJA
3.13
100
71.4
°C/W
Maximum Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
1. When surface mounted to an FR4 board using minimum recommended pad size.
2. When surface mounted to an FR4 board using 0.5 sq in pad size.
http://onsemi.com
MARKING DIAGRAM
& PIN ASSIGNMENTS
10N10EL=Device Code
Y
= Year
WW
= Work Week
D
S
G
VDSS
RDS(ON) TYP
ID MAX
100 V
0.22
10 A
N−Channel
1
Gate
3
Source
2
Drain
4
Drain
Device
Package
Shipping
ORDERING INFORMATION
MTD10N10EL
DPAK
75 Units/Rail
DPAK
CASE 369C
(Surface Mount)
Style 2
MTD10N10ELT4
DPAK
2500 Tape & Reel
1 2
3
4
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - MTD10N10ELT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD10N10ELT4 ONSEMI-MTD10N10ELT4 Datasheet
79Kb / 7P
   TMOS E?묯ET Power Field Effect Transistor DPAK for Surface Mount
June, 2006 ??Rev. 3
MTD10N10ELT4G ONSEMI-MTD10N10ELT4G Datasheet
79Kb / 7P
   TMOS E?묯ET Power Field Effect Transistor DPAK for Surface Mount
June, 2006 ??Rev. 3
More results

Similar Description - MTD10N10ELT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD10N10EL ONSEMI-MTD10N10EL_06 Datasheet
79Kb / 7P
   TMOS E?묯ET Power Field Effect Transistor DPAK for Surface Mount
June, 2006 ??Rev. 3
logo
Motorola, Inc
MTW10N40E MOTOROLA-MTW10N40E Datasheet
70Kb / 2P
   TMOS E-FET POWER FIELD EFFECT TRANSISTOR
MTW8N50E MOTOROLA-MTW8N50E Datasheet
70Kb / 2P
   TMOS E FET POWER FIELD EFFECT TRANSISTOR
MTA1N60E MOTOROLA-MTA1N60E Datasheet
854Kb / 13P
   FULLY ISOLATED TMOS E-FET POWER FIELD EFFECT TRANSISTOR
logo
ON Semiconductor
MTD6N15 ONSEMI-MTD6N15 Datasheet
88Kb / 8P
   Power Field Effect Transistor DPAK for Surface Mount
March, 2004 ??Rev. 2
logo
Motorola, Inc
MTD3055E MOTOROLA-MTD3055E Datasheet
223Kb / 6P
   TMOS IV N-Channel Enhancement-Mode Power Field Effect Transistor DPAK for Surface or Insertion Mount
logo
New Jersey Semi-Conduct...
MTP25N05E NJSEMI-MTP25N05E Datasheet
100Kb / 2P
   TMOS IV Power Field Effect Transistor
MTP50N06V NJSEMI-MTP50N06V Datasheet
112Kb / 2P
   TMOS V??Power Field Effect Transistor
MTP20N10E NJSEMI-MTP20N10E Datasheet
101Kb / 2P
   TMOS IV Power Field Effect Transistor
logo
Motorola, Inc
MTW4N80 MOTOROLA-MTW4N80 Datasheet
70Kb / 2P
   TMOS E-FET POWER FIELD EFFECT TRANSISITOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com