Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR18R16224DF0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # MR18R16224DF0
Description  Key Timing Parameters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MR18R16224DF0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button MR18R16224DF0 Datasheet HTML 5Page - Samsung semiconductor MR18R16224DF0 Datasheet HTML 6Page - Samsung semiconductor MR18R16224DF0 Datasheet HTML 7Page - Samsung semiconductor MR18R16224DF0 Datasheet HTML 8Page - Samsung semiconductor MR18R16224DF0 Datasheet HTML 9Page - Samsung semiconductor MR18R16224DF0 Datasheet HTML 10Page - Samsung semiconductor MR18R16224DF0 Datasheet HTML 11Page - Samsung semiconductor MR18R16224DF0 Datasheet HTML 12Page - Samsung semiconductor MR18R16224DF0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Page 8
Version 1.0 July 2002
MR16R1622(4/8/G)DF0
MR18R1622(4/8/G)DF0
AC Electrical Specifications
Adjusted
∆T
PD Specification
Table 8: AC Electrical Specifications
Symbol
Parameter and Conditions
Min
Typ
Max
Unit
ZL
Module Impedance of RSL Signals
25.2
28
30.8
ZUL-CMOS
Module Impedance of SCK and CMOS signals
23.8
28
32.2
TPD
Propagation Delay variation of RSL signals. Average clock
delay from finger to finger of all RSL clock nets (CTM,
CTMN, CFM and CFMN)
-
See
Table10a,b
ns
∆T
PD
Propagation delay variation of RSL signals with respect to TPD
b,c
for 2, 4 and 8 device modules
-21
21
ps
Propagation delay variation of RSL signals with respect to TPD
b,c
for 16 device modules
-24
24
ps
∆T
PD-CMOS
Propagation delay variation of SCK signals with respect to an
average clock delay
-250
250
ps
∆T
PD-SCK,CMD
Propagation delay variation of CMD signals with respect to SCK
signal
-200
200
ps
Vα/VIN
Attenuation Limit
See
Table10a
%
VXF/VIN
Forward crosstalk coefficient (300ps input rise time @ 20%-80%)
See
Table10a
%
VXB/VIN
Backward crosstalk coefficient (300ps input rise time @ 20%-
80%)
See
Table10a
%
a. Table 10 lists parameters and specifications for different storage capacity RIMM Modules that use 256Mb or 288Mb RDRAM devices.
b. TPD or Average clock delay is defined as the delay from finger to finger of RSL signal.
c. If the RIMM module meets the following specification, then it is compliant to the specification. If the RIMM module does not meet these specifica
tions, then the specification can be adjusted by the “Adjusted
∆T
PD Specification“ table 9 below.
Table 9: Adjusted
∆T
PD Specification
Symbol
Parameter and Conditions
Adjusted Min/Max
Absolute
Min / Max
Unit
∆T
PD
Propagation delay variation of RSL signals with respect to
TPD for 2, 4 and 8 device modules
+/-[20+(18*N*
∆Z0)]a
-30
30
ps
Propagation delay variation of RSL signals with respect to
TPD for 16 device modules
+/-[24+(18*N*
∆Z0)]a
-50
50
ps
a. Where:
N = Number of RDRAM devices installed on the RIMM module
∆Z0 = delta Z0% = (max Z0 - min Z0)/(min Z0)
(max Z0 and min Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL layers on the modules)


Similar Part No. - MR18R16224DF0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R1622AF0-CK8 SAMSUNG-MR18R1622AF0-CK8 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
MR18R1622AF0-CM8 SAMSUNG-MR18R1622AF0-CM8 Datasheet
419Kb / 16P
   (16Mx16)x2(4/8/16)pcs RIMM Module based on 256Mb A-die, 32s banks,16K/32ms Ref, 2.5V
More results

Similar Description - MR18R16224DF0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MR18R1624GEG0 SAMSUNG-MR18R1624GEG0 Datasheet
442Kb / 16P
   Key Timing Parameters
logo
Infineon Technologies A...
IDP08E65D1 INFINEON-IDP08E65D1 Datasheet
1Mb / 11P
   Temperature stable behaviour of key parameters
Rev.2.2,2013-12-16
logo
Kersemi Electronic Co.,...
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
logo
International Rectifier
IRFS5615PBF IRF-IRFS5615PBF Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio
logo
National Semiconductor ...
DS90UR241 NSC-DS90UR241_10 Datasheet
162Kb / 4P
   Spread Spectrum Tolerance Support Three key parameters, frequency
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS4020PBF IRF-IRFS4020PBF_15 Datasheet
337Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com