Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9257 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC9257
Description  PLL FOR DTS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9257 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC9257 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9257 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Silan
Semiconductors
SC9257
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.0
2001.10.18
1
PLL FOR DTS
DESCRIPTION
The SC9257 is phase-locked loop (PLL) LSIs for digital tuning
systems (DTS) with built in 2 modulus prescalers.
All functions ate controlled through 3 serial bus lines. These LSIs
are used to configure high-performance digital tuning system.
FEATURES
* Optimal for configuring digital tuning systems in high-fi tuners
and car stereos.
* built-in prescalers. Operate at input frequency ranging from
30~150 MHz during FM
IN input (with 2 modulus prescaler) and
at 0.5~40MHz during AM
IN input (with 2 modulus prescaler or
direct dividing).
* 16 bit programmable counter, dual parallel output phase
comparator, crystal oscillator and reference counter.
* 3.6MHz, 4.5MHz, 7.2MHz or 10.8MHz crystal oscillators can be
used.
* 15 possible reference frequencies. ( When using 4.5MHz crystal)
* Built-in 20 bit general-purpose counter for such uses as
measuring intermediate frequencies (IF
IN1 and IFIN2) and low-
frequency pilot signal cycles (SC
IN).
* High-precision (
±0.55~±7.15µs) PLL phase error detection.
* Numerous general-purpose I/O pins for such uses as peripheral
circuit control.
SOP-20-300-1.27
DIP-20-300-2.54
* 4 N-channel open-drain output ports
(OFF withstanding voltage:12V) for such
uses as control signal output.
* Standby mode function (turns off FM, AM
and
IF
amps)
to
save
current
consumption.
* All functions controlled through 3 serial
bus lines.
* CMOS structure with operating power
supply range of VDD=5.0
±0.5V.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
18
17
XT
XT
PERIOD
CLOCK
DATA
OT-1
OT-2
OT-3
OT-4
DO2
DO1
I/O-7/SCIN
I/O - 8/IFIN1
GND
FMIN
AMIN
VDD
20
19
I/O - 5/CLK
I/O-6
I/O - 9/IFIN2


Similar Part No. - SC9257

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
   PLL FOR DTS
SC9256S SILAN-SC9256S Datasheet
223Kb / 24P
   PLL FOR DTS
More results

Similar Description - SC9257

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
   PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
   PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
   PLL FOR DTS
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
   HIGH SPEED PLL FOR DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
   High Speed PLL For DTS
TB2118FG TOSHIBA-TB2118FG Datasheet
345Kb / 20P
   High Speed PLL For DTS
TC9216P TOSHIBA-TC9216P Datasheet
940Kb / 22P
   HIGH SPEED PLL FOR DTS
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
   PLL FOR DIGITAL TUNING SYSTEM(DTS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com