Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV57708PG-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV57708PG-G
Description  32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57708PG-G Datasheet(HTML) 4 Page - Supertex, Inc

  HV57708PG-G Datasheet HTML 1Page - Supertex, Inc HV57708PG-G Datasheet HTML 2Page - Supertex, Inc HV57708PG-G Datasheet HTML 3Page - Supertex, Inc HV57708PG-G Datasheet HTML 4Page - Supertex, Inc HV57708PG-G Datasheet HTML 5Page - Supertex, Inc HV57708PG-G Datasheet HTML 6Page - Supertex, Inc HV57708PG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Supertex inc.
www.supertex.com
Doc.# DSFP-HV57708
A061913
HV57708
Input and Output Equivalent Circuits
Switching Waveforms
VDD
DATA
INPUT
GND
VPP
GND
HVOUT
Logic Inputs
GND
DATA
OUT
Logic Data Output
High Voltage Outputs
VDD
LE
Data Valid
50%
50%
DATA
INPUT
CLK
DATA
OUT
50%
50%
50%
t
SU
t
H
t
WL
t
WH
50%
t
DLH
t
DHL
50%
t
WLE
t
DLE
t
SLE
50%
50%
t
ON
10%
HV
OUT
w/ S/R HIGH
90%
90%
10%
t
OFF
V
IH
V
IL
V
IH
V
IL
V
OH
V
OL
V
OH
V
OL
V
IH
V
OL
V
OH
V
OL
V
OH
V
OL
10%
90%
90%
10%
50%
t
f
t
r
HV
OUT
w/ S/R LOW


Similar Part No. - HV57708PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV57708PG-G SUTEX-HV57708PG-G Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
More results

Similar Description - HV57708PG-G

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND-SP64HV LINEAR_DIMENSIONS-LND-SP64HV Datasheet
325Kb / 3P
   32MHZ, 64 CHANNEL SERIAL TO PARALLEL CONVERTER WITH PUSH-PULL OUTPUTS
logo
Supertex, Inc
HV57708 SUTEX-HV57708_07 Datasheet
674Kb / 7P
   32MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908 Datasheet
459Kb / 5P
   8 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
   32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV3418 SUTEX-HV3418 Datasheet
443Kb / 5P
   64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV507 SUTEX-HV507 Datasheet
453Kb / 5P
   300V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com