Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV20822 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV20822
Description  16-Channel, High Voltage Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV20822 Datasheet(HTML) 2 Page - Supertex, Inc

  HV20822_13 Datasheet HTML 1Page - Supertex, Inc HV20822_13 Datasheet HTML 2Page - Supertex, Inc HV20822_13 Datasheet HTML 3Page - Supertex, Inc HV20822_13 Datasheet HTML 4Page - Supertex, Inc HV20822_13 Datasheet HTML 5Page - Supertex, Inc HV20822_13 Datasheet HTML 6Page - Supertex, Inc HV20822_13 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV20822
C071613
HV20822
Absolute Maximum Ratings
Parameter
Value
V
DD Logic power supply voltage
-0.5V to +15V
V
PP - VNN Supply voltage
+225V
V
PP Positive high voltage supply
-0.5V to V
NN +225V
V
NN Negative high voltage supply
+0.5V to -225V
Logic input voltages
-0.5V to V
DD +0.3V
V
SIG Analog signal range
V
NN to VPP
Peak analog signal current/channel
3.0A
Storage temperature
-65°C to +150°C
Power dissipation
1.0W
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Pin Configuration
1
48
48-Lead LQFP
(top view)
Product Marking
48-Lead LQFP
YY = Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW
HV20822FG
LLLLLLLLL
CCCCCCCC
AAA
Recommended Operating Conditions
Sym
Parameter
Value
V
PP
Positive high voltage supply1
+50V to +110V
V
NN
Negative high voltage supply1
-10V to V
PP -220V
V
DD
Logic power supply voltage1
+4.75V to +12.6V
V
IH
High-level input voltage
V
DD -1.0V to VDD
V
IL
Low-level input voltage
0V to 1.0V
V
SIG
Analog signal voltage peak-to-peak2
V
NN +10V to VPP -10V
T
A
Operating free air-temperature
0°C to 70°C
Notes:
1.
Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last.
2.
V
SIG must be VNN ≤ VSIG ≤ VPP or floating during power up/down transition.
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option Packing
HV20820FG-G
48-Lead LQFP
250/Tray
HV20820FG-G M931 48-Lead LQFP
1000/Reel
Typical Thermal Resistance
Package
θ
ja
48-Lead LQFP
52OC/W
-G denotes a lead (Pb)-free / RoHS compliant package


Similar Part No. - HV20822_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20822FG SUTEX-HV20822FG Datasheet
343Kb / 6P
   16 Channel High Voltage Analog Switch
HV20822X SUTEX-HV20822X Datasheet
343Kb / 6P
   16 Channel High Voltage Analog Switch
More results

Similar Description - HV20822_13

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4816 MPS-MP4816 Datasheet
143Kb / 2P
   16-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20822 SUTEX-HV20822 Datasheet
343Kb / 6P
   16 Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14866 MAXIM-MAX14866 Datasheet
643Kb / 23P
   16-Channel, High-Voltage Analog Switch without High-Voltage Supply Requirement
Rev 0; 7/17
MAX14866 MAXIM-MAX14866_V01 Datasheet
632Kb / 23P
   16-Channel, High-Voltage Analog Switch without High-Voltage Supply Requirement
19-100068; Rev 1; 4/18
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
logo
Supertex, Inc
HV238 SUTEX-HV238_13 Datasheet
734Kb / 7P
   16-Channel High Voltage Analog Switch With Bleed Resistors
HV238 SUTEX-HV238 Datasheet
333Kb / 6P
   16 Channel High Voltage Analog Switch With Bleed Resistors
logo
IXYS Corporation
CPC7601 IXYS-CPC7601 Datasheet
982Kb / 11P
   Low Charge Injection, 16-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
   Low Harmonic Distortion 16-Channel High Voltage Analog Switch
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com