Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV5622 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV5622
Description  32-Channel Serial to Parallel Converter With Open Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5622 Datasheet(HTML) 7 Page - Supertex, Inc

  HV5622_13 Datasheet HTML 1Page - Supertex, Inc HV5622_13 Datasheet HTML 2Page - Supertex, Inc HV5622_13 Datasheet HTML 3Page - Supertex, Inc HV5622_13 Datasheet HTML 4Page - Supertex, Inc HV5622_13 Datasheet HTML 5Page - Supertex, Inc HV5622_13 Datasheet HTML 6Page - Supertex, Inc HV5622_13 Datasheet HTML 7Page - Supertex, Inc HV5622_13 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Supertex inc.
www.supertex.com
Doc.# DSFP-HV5622
C072313
HV5622
44-Lead PQFP Package Outline (PG)
10.00x10.00mm body, 2.35mm height (max), 0.80mm pitch
Symbol
A
A1
A2
b
D
D1
E
E1
e
L
L1
L2
θ
Dimension
(mm)
MIN 1.95* 0.00 1.95
0.30 13.65* 9.80* 13.65* 9.80*
0.80
BSC
0.73
1.95
REF
0.25
BSC
0O
NOM
-
-
2.00
-
13.90
10.00 13.90 10.00
0.88
3.5O
MAX 2.35
0.25 2.10
0.45 14.15* 10.20* 14.15* 10.20*
1.03
7O
JEDEC Registration MO-112, Variation AA-2, Issue B, Sep.1995.
* This dimension is not specified in the JEDEC drawing.
Drawings not to scale.
Supertex Doc. #: DSPD-44PQFPPG, Version C041309.
1
44
View B
Seating
Plane
Top View
D
D1
E
E1
b
e
Side View
A2
A
A1
Note 1
(Index Area
D1/4 x E1/4)
View B
Seating
Plane
Gauge
Plane
θ
L
L1
L2
θ1
Note:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.


Similar Part No. - HV5622_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5622DJ SUTEX-HV5622DJ Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622DJ SUTEX-HV5622DJ Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PG SUTEX-HV5622PG Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PG SUTEX-HV5622PG Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ SUTEX-HV5622PJ Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results

Similar Description - HV5622_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com