Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2321FG-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV2321FG-G
Description  Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2321FG-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV2321FG-G Datasheet HTML 1Page - Supertex, Inc HV2321FG-G Datasheet HTML 2Page - Supertex, Inc HV2321FG-G Datasheet HTML 3Page - Supertex, Inc HV2321FG-G Datasheet HTML 4Page - Supertex, Inc HV2321FG-G Datasheet HTML 5Page - Supertex, Inc HV2321FG-G Datasheet HTML 6Page - Supertex, Inc HV2321FG-G Datasheet HTML 7Page - Supertex, Inc HV2321FG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV2321
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Test Circuits
Switch OFF Leakage
I
SOL
Open
DC Offset ON/OFF
V
OUT
T
ON/TOFF Test Circuit
R
L
10kΩ
V
OUT
Isolation Diode Current
I
ID
V
PP
5V
V
NN
VPP
VNN
VDD
GND
VNN
V
SIG
Crosstalk
K
CR = 20Log
V
OUT
V
IN
V
IN = 10VP–P
@5.0MHz
NC
R
L
V
PP
5V
V
NN
VPP
VNN
VDD
GND
50Ω
Charge Injection
V
SIG
V
OUT
1000pF
Q = 1000pF x V
OUT
V
OUT
Output Voltage Spike
V
OUT
1kΩ
R
L
50Ω
+VSPK
–VSPK
OFF Isolation
V
PP
5V
V
NN
VPP
VNN
VDD
GND
R
L
V
OUT
V
IN = 10VP–P
@5.0MHz
V
PP
5V
V
NN
VPP
VNN
VDD
GND
V
PP
5V
V
NN
VPP
VNN
VDD
GND
V
PP
5V
V
NN
VPP
VNN
VDD
GND
V
PP
5V
V
NN
VPP
VNN
VDD
GND
V
PP
5V
V
NN
VPP
VNN
VDD
GND
K
O = 20Log
V
OUT
V
IN
0V
-125V
+
-
V
OFFSET
+
-
V
OFFSET
V
OUT
RGND
RGND
RGND
RGND
RGND
RGND
RGND
RGND


Similar Part No. - HV2321FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2321FG-G SUTEX-HV2321FG-G Datasheet
716Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
More results

Similar Description - HV2321FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2321 SUTEX-HV2321 Datasheet
716Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2221 SUTEX-HV2221_11 Datasheet
651Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
HV2221 SUTEX-HV2221 Datasheet
709Kb / 8P
   Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
   Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com