Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV574PG-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV574PG-G
Description  100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV574PG-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV574PG-G Datasheet HTML 1Page - Supertex, Inc HV574PG-G Datasheet HTML 2Page - Supertex, Inc HV574PG-G Datasheet HTML 3Page - Supertex, Inc HV574PG-G Datasheet HTML 4Page - Supertex, Inc HV574PG-G Datasheet HTML 5Page - Supertex, Inc HV574PG-G Datasheet HTML 6Page - Supertex, Inc HV574PG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Supertex inc.
www.supertex.com
Doc.# DSFP-HV574
A061913
HV574
Pin Function
Pin #
Function
1
HV
OUT30
2
HV
OUT29
3
HV
OUT28
4
HV
OUT27
5
HV
OUT26
6
HV
OUT25
7
HV
OUT24
8
HV
OUT23
9
HV
OUT22
10
HV
OUT21
11
HV
OUT20
12
HV
OUT19
13
HV
OUT18
14
HV
OUT17
15
HV
OUT16
16
HV
OUT15
17
HV
OUT14
18
HV
OUT13
19
HV
OUT12
20
HV
OUT11
21
HV
OUT10
22
HV
OUT9
23
HV
OUT8
24
HV
OUT7
25
HV
OUT6
Pin #
Function
26
HV
OUT5
27
HV
OUT4
28
HV
OUT3
29
HV
OUT2
30
HV
OUT1
31
NC
32
VPP
33
HVGND
34
D
INA
35
D
INB
36
D
INC
37
D
IND
38
VDD
39
POL
40
LE
41
CLK
42
DIR
43
BL
44
GND
45
D
OUTD
46
D
OUTC
47
D
OUTB
48
D
OUTA
49
HVGND
50
VPP
Pin #
Function
51
HV
OUT80
52
HV
OUT79
53
HV
OUT78
54
HV
OUT77
55
HV
OUT76
56
HV
OUT75
57
HV
OUT74
58
HV
OUT73
59
HV
OUT72
60
HV
OUT71
61
HV
OUT70
62
HV
OUT69
63
HV
OUT68
64
HV
OUT67
65
HV
OUT66
66
HV
OUT65
67
HV
OUT64
68
HV
OUT63
69
HV
OUT62
70
HV
OUT61
71
HV
OUT60
72
HV
OUT59
73
HV
OUT58
74
HV
OUT57
75
HV
OUT56
Pin #
Function
76
HV
OUT55
77
HV
OUT54
78
HV
OUT53
79
HV
OUT52
80
HV
OUT51
81
HV
OUT50
82
HV
OUT49
83
HV
OUT48
84
HV
OUT47
85
HV
OUT46
86
HV
OUT45
87
HV
OUT44
88
HV
OUT43
89
HV
OUT42
90
HV
OUT41
91
HV
OUT40
92
HV
OUT39
93
HV
OUT38
94
HV
OUT37
95
HV
OUT36
96
HV
OUT35
97
HV
OUT34
98
HV
OUT33
99
HV
OUT32
100
HV
OUT31


Similar Part No. - HV574PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV574PG-G SUTEX-HV574PG-G Datasheet
472Kb / 7P
   100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
More results

Similar Description - HV574PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV574PG-G SUTEX-HV574PG-G Datasheet
472Kb / 7P
   100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
HV574 SUTEX-HV574 Datasheet
454Kb / 5P
   100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs
logo
Microchip Technology
HV583 MICROCHIP-HV583 Datasheet
369Kb / 22P
   128-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
logo
Supertex, Inc
HV583 SUTEX-HV583 Datasheet
39Kb / 6P
   128 Channel Serial to Parallel Converter with Push-Pull Outputs
HV583 SUTEX-HV583_06 Datasheet
374Kb / 7P
   128-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
   96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
logo
Supertex, Inc
HV7620 SUTEX-HV7620 Datasheet
68Kb / 5P
   40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
   40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_13 Datasheet
673Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
HV57908 SUTEX-HV57908_07 Datasheet
656Kb / 7P
   8MHz, 64-Channel Serial to Parallel Converter with Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com