Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV528 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV528
Description  16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV528 Datasheet(HTML) 7 Page - Supertex, Inc

  HV528 Datasheet HTML 1Page - Supertex, Inc HV528 Datasheet HTML 2Page - Supertex, Inc HV528 Datasheet HTML 3Page - Supertex, Inc HV528 Datasheet HTML 4Page - Supertex, Inc HV528 Datasheet HTML 5Page - Supertex, Inc HV528 Datasheet HTML 6Page - Supertex, Inc HV528 Datasheet HTML 7Page - Supertex, Inc HV528 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HV528
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Pin Description
Pin #
Function
Description
1
HV
OUT12
High voltage push-pull output
2
HV
OUT11
3
HV
OUT10
4
HV
OUT9
5
HV
OUT8
6
HV
OUT7
7
HV
OUT6
8
HV
OUT5
9
HV
OUT4
10
HV
OUT3
11
HV
OUT2
12
HV
OUT1
13
NC
No connect
14
VPP
High voltage supply
15
GND
Logic ground
16
NC
No connect
17
DIN
Data in
18
NC
No connect
19
CLK
Clock input logic
20
VDD
Logic supply voltage
21
POL
Polarity bar input logic
22
LE
Latch enable bar input logic
23
NC
No connect
24
DOUT
Data out
25
NC
No connect
26
VBIAS
Level translator bias voltage
27
HVGND
High voltage ground
28
BP
High voltage backplane output
29
HV
OUT16
High voltage push-pull output
30
HV
OUT15
31
HV
OUT14
32
HV
OUT13
Center Pad
The center pad is at VPP potential. Leave floating or connect to VPP. Do not ground.


Similar Part No. - HV528

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528K6-G SUTEX-HV528K6-G Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
More results

Similar Description - HV528

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV509 SUTEX-HV509_08 Datasheet
565Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509 SUTEX-HV509 Datasheet
764Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV514 SUTEX-HV514 Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com