Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV528 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV528
Description  16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV528 Datasheet(HTML) 4 Page - Supertex, Inc

  HV528 Datasheet HTML 1Page - Supertex, Inc HV528 Datasheet HTML 2Page - Supertex, Inc HV528 Datasheet HTML 3Page - Supertex, Inc HV528 Datasheet HTML 4Page - Supertex, Inc HV528 Datasheet HTML 5Page - Supertex, Inc HV528 Datasheet HTML 6Page - Supertex, Inc HV528 Datasheet HTML 7Page - Supertex, Inc HV528 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
HV528
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Input and Output Equivalent Circuits
VDD
Input
GND
VDD
Data Out
VPP
HVOUT
HVGND
GND
Logic Inputs
High Voltage Outputs
Logic Data Output
VBIAS
The V
BIAS supply operates from 5.4 to 6.6V. It is the gate
drive voltage for all of the output N-channel MOSFETs. This
allows the output peak current sink to be set by varying the
V
BIAS voltage. A higher VBIAS voltage will increase the current
sinking capability.
The operating V
DD range is 1.7 to 5.5V. A plot showing the
typical characteristics of I
SINK vs VBIAS is shown below.
V
BIAS SUPPLY
20
18
16
14
12
10
5.0
5.5
6.0
6.5
VBIAS (V)
Typical HV
OUT ISINK vs VBIAS
(V
PP = 200V, CLOAD = 1.0nF)


Similar Part No. - HV528

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528K6-G SUTEX-HV528K6-G Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
More results

Similar Description - HV528

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV509 SUTEX-HV509_08 Datasheet
565Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509 SUTEX-HV509 Datasheet
764Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV514 SUTEX-HV514 Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com