Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV513K7-G Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV513K7-G
Description  8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV513K7-G Datasheet(HTML) 7 Page - Supertex, Inc

Back Button HV513K7-G Datasheet HTML 2Page - Supertex, Inc HV513K7-G Datasheet HTML 3Page - Supertex, Inc HV513K7-G Datasheet HTML 4Page - Supertex, Inc HV513K7-G Datasheet HTML 5Page - Supertex, Inc HV513K7-G Datasheet HTML 6Page - Supertex, Inc HV513K7-G Datasheet HTML 7Page - Supertex, Inc HV513K7-G Datasheet HTML 8Page - Supertex, Inc HV513K7-G Datasheet HTML 9Page - Supertex, Inc HV513K7-G Datasheet HTML 10Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Supertex inc.
www.supertex.com
Doc.# DSFP-HV513
C072413
HV513
Pin Description - 32-Lead QFN
Pin # Function Description
1
NC
No internal connection
2
3
4
LGND
Low voltage ground
5
HVGND
High voltage ground
6
7
NC
No internal connection
8
9
HV
OUT1
High voltage push-pull output
10
HV
OUT2
High voltage push-pull output
11
HV
OUT3
High voltage push-pull output
12
HV
OUT4
High voltage push-pull output
13
HV
OUT5
High voltage push-pull output
14
HV
OUT6
High voltage push-pull output
15
HV
OUT7
High voltage push-pull output
16
HV
OUT8
High voltage push-pull output
17
NC
No internal connection
18
19
VPP
High voltage supply
20
21
VDD
Logic supply voltage
22
DOUT
Data output
23
NC
No internal connection
24
25
BL
Blanking pin, logic input low sets all HV
OUTS low
26
NC
No internal connection
27
POL
Polarity bar input logic
28
CLK
Clock pin, shift registers shifts data on rising edge of input clock
29
LE
Latch enable bar input logic
30
SHORT
If output does not reach its required state, SHORT pin will output logic low
31
HI-Z
High impedance pin, logic input low sets all outputs in a high impedance state
32
DIN
Data input
Center
Pad
VPP
Center pad is at V
PP potential. Connect to VPP or leave floating.


Similar Part No. - HV513K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV513K7-G SUTEX-HV513K7-G Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
More results

Similar Description - HV513K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV513 SUTEX-HV513 Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs, POL, Hi-Z, and Short Circuit Detect
HV514 SUTEX-HV514 Datasheet
1Mb / 6P
   8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV3418 SUTEX-HV3418_13 Datasheet
620Kb / 7P
   64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com