Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2307DS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI2307DS
Description  P-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2307DS Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2307DS Datasheet HTML 1Page - Vishay Siliconix SI2307DS Datasheet HTML 2Page - Vishay Siliconix SI2307DS Datasheet HTML 3Page - Vishay Siliconix SI2307DS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si2307DS
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70843
S-60570—Rev. A, 16-Nov-98
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = –10 mA
–30
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = –24 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
TJ = 55
_C
–10
mA
On-State Drain Currenta
ID(on)
VDS v –5 V, VGS = –10 V
–6
A
Drain Source On Resistancea
rDS( )
VGS = –10 V, ID = –3 A
0.064
0.080
W
Drain-Source On-Resistancea
rDS(on)
VGS = –4.5 V, ID = –2.5 A
0.103
0.140
W
Forward Transconductancea
gfs
VDS = –10V, ID = –3 A
4.5
S
Diode Forward Voltage
VSD
IS = –1.25 A, VGS = 0 V
–1.2
V
Dynamicb
Total Gate Charge
Qg
V
15V V
10V
10
15
C
Gate-Source Charge
Qgs
VDS = –15 V, VGS = –10 V
ID ^ –3 A
1.9
nC
Gate-Drain Charge
Qgd
ID ^ 3 A
2
Input Capacitance
Ciss
V15 V V
0 f
1 MH
565
F
Output Capacitance
Coss
VDS = –15 V, VGS = 0, f = 1 MHz
126
pF
Reverse Transfer Capacitance
Crss
75
Switchingb
Turn-On Time
td(on)
V15 V R
15
W
10
20
Turn-On Time
tr
VDD = –15 V, RL = 15 W
ID ^ –1.0 A, VGEN = –10 V
9
20
ns
Turn-Off Time
td(off)
ID ^ –1.0 A, VGEN = –10 V
RG = 6 W
27
50
ns
Turn-Off Time
tf
7
16
Notes
a.
Pulse test: PW
v300 ms duty cycle v2%.
b.
For DESIGN AID ONLY, not subject to production testing.
c.
Switching time is essentially independent of operating temperature.


Similar Part No. - SI2307DS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2307DS KEXIN-SI2307DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
SI2307DS-3 KEXIN-SI2307DS-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
SI2307DS-HF KEXIN-SI2307DS-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2307DS-HF-3 KEXIN-SI2307DS-HF-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2307DS-T1 VISHAY-SI2307DS-T1 Datasheet
81Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Nov-98
More results

Similar Description - SI2307DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com