Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV300LG-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV300LG-G
Description  Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV300LG-G Datasheet(HTML) 4 Page - Supertex, Inc

  HV300LG-G Datasheet HTML 1Page - Supertex, Inc HV300LG-G Datasheet HTML 2Page - Supertex, Inc HV300LG-G Datasheet HTML 3Page - Supertex, Inc HV300LG-G Datasheet HTML 4Page - Supertex, Inc HV300LG-G Datasheet HTML 5Page - Supertex, Inc HV300LG-G Datasheet HTML 6Page - Supertex, Inc HV300LG-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV300
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Timing Diagram
GND
-48V
VIN
IIN
tSTART
contact
bounce
ILIM
PWRGD
VUVL
tRISE
tPWRGD
VGATE
Initialization
Limiting
Full On
VGATE
VOUT
tLIM
tTH
VRAMP
V
RAMP
V
GATE
inactive
active
V
OUT
V
IN
VGS(th)
VGS(lim)
VEE
tPOR
Functional Block Diagram
LOGIC
V
INT
VDD
UV
OV
VEE
SENSE
GATE
RAMP
V
REF
UVLO
and
POR
Band Gap
Reference
Internal
Supply
Regulator
V
INT
5kΩ
V
INT - 1.2V
Switch
V
REF
2V
REF
Transconductor
Buffer
PWRGD
+
-
10mA
C
C
C
A
C
Automatic
Restart
Delay
Circuit
Breaker
100mV
Note:
V
INT is the internally regulated supply voltage and can range from 9.0 to 11V.
V
GS(th) is the gate threshold voltage of the external pass transistor and may be obtained from its datasheet.
V
GS(lim) is the pass transistor gate-source voltage required to obtain the limit curent. It is dependent on the pass transistor’s characteristics and may
be obtained from the transfer characteristics curves on the transistor datasheet.
g
fs is the transconductance of the pass transistor and may be obtained from its datasheet.
R
FB is the internal feedback resistor and is 5.0kΩ nominal.
1.
2.
3.
4.
5.
I
LIM =
V
SENSE
R
SENSE
t
START = 12V
C
RAMP
I
RAMP
t
TH = VGS(th)
C
RAMP
I
RAMP
t
POR = tSTART + tTH
t
RISE
C
RAMP
g
fs
I
RAMP
-
R
SENSE
0.9I
LIM
R
FB
t
LIM ≈ VIN
C
LOAD -
1
t
RISE
I
LIM
2
t
PWRGD = (VINT - VGS(LIM) - 1.2V)
C
RAMP
I
RAMP


Similar Part No. - HV300LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV300LG SUTEX-HV300LG Datasheet
78Kb / 6P
   Hotswap, Inrush Current Limiter Controllers
HV300LG SUTEX-HV300LG Datasheet
372Kb / 2P
   HV300 Hot Swap Demo Board
More results

Similar Description - HV300LG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_07 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101 SUTEX-HV101_13 Datasheet
832Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_13 Datasheet
838Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
   Hotswap, Inrush Current Limiter Controllers
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com