Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV256FG-G Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV256FG-G
Description  32-Channel High Voltage Amplifier Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV256FG-G Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV256FG-G Datasheet HTML 5Page - Supertex, Inc HV256FG-G Datasheet HTML 6Page - Supertex, Inc HV256FG-G Datasheet HTML 7Page - Supertex, Inc HV256FG-G Datasheet HTML 8Page - Supertex, Inc HV256FG-G Datasheet HTML 9Page - Supertex, Inc HV256FG-G Datasheet HTML 10Page - Supertex, Inc HV256FG-G Datasheet HTML 11Page - Supertex, Inc HV256FG-G Datasheet HTML 12Page - Supertex, Inc HV256FG-G Datasheet HTML 13Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
HV256
Supertex inc.
www.supertex.com
Doc.# DSFP-HV256
D070813
Pad Coordinates
Chip size: 17160μm x 5830μm
Center of die is (0,0)
Pad Name
X (μm)
Y (μm)
VPP
-8338.5
2708.5
HV
OUT0
-7895.0
2305.5
HV
OUT1
7448.5
2305.5
HV
OUT2
-7001.5
2305.5
HV
OUT3
-6554.5
2305.5
HV
OUT4
-6107.5
2305.5
HV
OUT5
-5660.5
2305.5
HV
OUT6
-5213.5
2305.5
HV
OUT7
-4776.5
2305.5
HV
OUT8
-4319.5
2305.5
HV
OUT9
-3872.5
2305.5
HV
OUT10
-3425.5
2305.5
HV
OUT11
-2978.5
2305.5
HV
OUT12
-2513.5
2305.5
HV
OUT13
-2084.5
2305.5
HV
OUT14
-1637.5
2305.5
HV
OUT15
-1190.5
2305.5
HV
OUT16
-743.5
2305.5
HV
OUT17
-296.5
2305.5
HV
OUT18
150.0
2305.5
HV
OUT19
597.5
2305.5
HV
OUT20
1044.5
2305.5
HV
OUT21
1491.5
2305.5
HV
OUT22
1938.5
2305.5
HV
OUT23
2385.5
2305.5
HV
OUT24
2832.5
2305.5
HV
OUT25
3279.5
2305.5
HV
OUT26
3726.5
2305.5
HV
OUT27
4173.5
2305.5
HV
OUT28
4620.5
2305.5
Pad Name
X (μm)
Y (μm)
HV
OUT29
5067.5
2305.5
HV
OUT30
5514.5
2305.5
HV
OUT31
5961.5
2305.5
VPP
6659.0
2709.0
BYP-VPP
7045.0
2709.0
RSOURCE
7489.0
2709.0
RSINK
7969.0
2709.0
CATHODE
8366.0
2709.0
ANODE
8366.0
2709.0
VNN
8047.0
425.0
BYP-VDD
8047.0
125.5
BYP-VNN
8047.0
-135.5
VDD
8047.0
-704.5
GND
8047.0
-1424.0
VNN
8066.5
-1590.0
VDD
8066.5
-1958.5
GND
7867.0
-2192.0
V
IN31
5043.5
-2686.0
V
IN30
4638.5
-2686.0
V
IN29
4233.5
-2686.0
V
IN28
3828.5
-2686.0
V
IN27
3423.5
-2686.0
V
IN26
3018.5
-2686.0
V
IN25
2613.5
-2686.0
V
IN24
2208.5
-2686.0
V
IN23
1803.5
-2686.0
V
IN22
1398.5
-2686.0
V
IN21
993.5
-2686.0
V
IN20
588.5
-2686.0
V
IN19
183.5
-2686.0
Pad Name
X (μm)
Y (μm)
V
IN18
-221.5
-2686.0
V
IN17
-626.5
-2686.0
V
IN16
-1031.5
-2686.0
V
IN15
-1436.5
-2686.0
V
IN14
-2412.5
-2686.0
V
IN13
-2817.0
-2686.0
V
IN12
-3222.0
-2686.0
V
IN11
-3627.0
-2686.0
V
IN10
-4032.0
-2686.0
V
IN9
-4437.0
-2686.0
V
IN8
-4842.0
-2686.0
V
IN7
-5247.0
-2686.0
V
IN6
-5652.0
-2686.0
V
IN5
-6052.0
-2686.0
V
IN4
-6462.0
-2686.0
V
IN3
-6867.0
-2686.0
V
IN2
-7272.0
-2686.0
V
IN1
-7677.0
-2686.0
V
IN0
-8082.0
-2686.0
VDD
-8373.0
-2250.5
VNN
-8373.0
-1949.0
GND
-8367.0
-1561.0
VDD
-8387.0
-1143.0
VNN
-8338.5
577.5
GND
-8341.0
916.5


Similar Part No. - HV256FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV256FG-G SUTEX-HV256FG-G Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
More results

Similar Description - HV256FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV254 SUTEX-HV254 Datasheet
276Kb / 7P
   32-Channel High Voltage Amplifier Array
HV254 SUTEX-HV254_13 Datasheet
692Kb / 10P
   32-Channel High Voltage Amplifier Array
HV256 SUTEX-HV256 Datasheet
365Kb / 7P
   32-Channel High Voltage Amplifier Array
HV257 SUTEX-HV257 Datasheet
618Kb / 9P
   32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_13 Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
logo
Linear Dimensions Semic...
LND-MA32 LINEAR_DIMENSIONS-LND-MA32 Datasheet
139Kb / 1P
   32 Channel High Voltage Amplifier
logo
Supertex, Inc
HV256 SUTEX-HV256_07 Datasheet
1Mb / 11P
   32-Channel High Voltage Amplifi er Array
HV256DB1 SUTEX-HV256DB1 Datasheet
111Kb / 2P
   High Voltage Amplifier Array
HV254DB1 SUTEX-HV254DB1 Datasheet
109Kb / 2P
   High Voltage Amplifier Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com