Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV219 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV219
Description  200V Low Charge Injection 8-Channel High Voltage Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV219 Datasheet(HTML) 9 Page - Supertex, Inc

  HV219_13 Datasheet HTML 1Page - Supertex, Inc HV219_13 Datasheet HTML 2Page - Supertex, Inc HV219_13 Datasheet HTML 3Page - Supertex, Inc HV219_13 Datasheet HTML 4Page - Supertex, Inc HV219_13 Datasheet HTML 5Page - Supertex, Inc HV219_13 Datasheet HTML 6Page - Supertex, Inc HV219_13 Datasheet HTML 7Page - Supertex, Inc HV219_13 Datasheet HTML 8Page - Supertex, Inc HV219_13 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
9
HV219
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV219
C070713
28-Lead PLCC Package Outline (PJ)
.453x.453in. body, .180in. height (max), .050in. pitch
Symbol
A
A1
A2
b
b1
D
D1
E
E1
e
R
Dimension
(inches)
MIN
.165
.090
.062
.013
.026
.485
.450
.485
.450
.050
BSC
.025
NOM
.172
.105
-
-
-
.490
.453
.490
.453
.035
MAX
.180
.120
.083
.021
.032
.495
.456
.495
.456
.045
JEDEC Registration MS-018, Variation AB, Issue A, June, 1993.
Drawings not to scale.
Supertex Doc. #: DSPD-28PLCCPJ, Version B031111.
.150max
.048/.042
x 45O
.075max
D
D1
E1
E
Top View
View
B
A
A2
A1
Seating
Plane
Note 1
(Index Area)
.056/.042
x 45O
Base
Plane
.020min
b
View B
b1
Horizontal Side View
Vertical Side View
Note 2
.020max
(3 Places)
R
e
4
26
28
1
Notes:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
2.
Actual shape of this feature may vary.


Similar Part No. - HV219_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV219FG SUTEX-HV219FG Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG SUTEX-HV219FG Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-G SUTEX-HV219FG-G Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219PJ SUTEX-HV219PJ Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219PJ SUTEX-HV219PJ Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results

Similar Description - HV219_13

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com