Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV101K5-G Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV101K5-G
Description  3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV101K5-G Datasheet(HTML) 8 Page - Supertex, Inc

  HV101K5-G Datasheet HTML 1Page - Supertex, Inc HV101K5-G Datasheet HTML 2Page - Supertex, Inc HV101K5-G Datasheet HTML 3Page - Supertex, Inc HV101K5-G Datasheet HTML 4Page - Supertex, Inc HV101K5-G Datasheet HTML 5Page - Supertex, Inc HV101K5-G Datasheet HTML 6Page - Supertex, Inc HV101K5-G Datasheet HTML 7Page - Supertex, Inc HV101K5-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
8
HV101
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV101
B060513
3-Lead SOT-223 Package Outline (K5)
6.50x3.50mm body, 1.80mm height (max), 2.30mm pitch
Symbol
A
A1
A2
b
b2
D
E
E1
e
e1
L
θ
Dimension
(mm)
MIN
1.48*
0.02
1.50
0.65
2.90
6.30
6.70
3.30
2.30
BSC
4.60
BSC
0.75
0O
NOM
-
-
1.60
0.76
3.00
6.50
7.00
3.50
-
-
MAX
1.80
0.10
1.70
0.85
3.15
6.70
7.30
3.70
-
10O
JEDEC Registration TO-261, Variation AA, Issue C, May 2002.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc. #: DSPD-3SOT223K5, Version A041009.
4
2
1
D
E1 E
View B
Seating
Plane
Gauge
Plane
e1
e
A1
A2
A
L
View B
0.25
Seating
Plane
b
Side View
A
A
Top View
View A - A
3
b2


Similar Part No. - HV101K5-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV101K5-G SUTEX-HV101K5-G Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results

Similar Description - HV101K5-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV100 SUTEX-HV100_07 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_13 Datasheet
838Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
   Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
   Hotswap, Inrush Current Limiter Controllers
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com