Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W160CT100ZB6E Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28W160CT100ZB6E
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W160CT100ZB6E Datasheet(HTML) 5 Page - STMicroelectronics

  M28W160CT100ZB6E Datasheet HTML 1Page - STMicroelectronics M28W160CT100ZB6E Datasheet HTML 2Page - STMicroelectronics M28W160CT100ZB6E Datasheet HTML 3Page - STMicroelectronics M28W160CT100ZB6E Datasheet HTML 4Page - STMicroelectronics M28W160CT100ZB6E Datasheet HTML 5Page - STMicroelectronics M28W160CT100ZB6E Datasheet HTML 6Page - STMicroelectronics M28W160CT100ZB6E Datasheet HTML 7Page - STMicroelectronics M28W160CT100ZB6E Datasheet HTML 8Page - STMicroelectronics M28W160CT100ZB6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5/50
M28W160CT, M28W160CB
SUMMARY DESCRIPTION
The M28W160C is a 16 Mbit (1 Mbit x 16) non-vol-
atile Flash memory that can be erased electrically
at the block level and programmed in-system on a
Word-by-Word basis. These operations can be
performed using a single low voltage (2.7 to 3.6V)
supply. VDDQ allows to drive the I/O pin down to
1.65V. An optional 12V VPP power supply is pro-
vided to speed up customer programming.
The device features an asymmetrical blocked ar-
chitecture. The M28W160C has an array of 39
blocks: 8 Parameter Blocks of 4 KWord and 31
Main Blocks of 32 KWord. M28W160CT has the
Parameter Blocks at the top of the memory ad-
dress space while the M28W160CB locates the
Parameter Blocks starting from the bottom. The
memory maps are shown in Figure 5, Block Ad-
dresses.
The M28W160C features an instant, individual
block locking scheme that allows any block to be
locked or unlocked with no latency, enabling in-
stant code and data protection. All blocks have
three levels of protection. They can be locked and
locked-down individually preventing any acciden-
tal programming or erasure. There is an additional
hardware protection against program and erase.
When VPP ≤VPPLK all blocks are protected against
program or erase. All blocks are locked at power-
up.
Each block can be erased separately. Erase can
be suspended in order to perform either read or
program in any other block and then resumed.
Program can be suspended to read data in any
other block and then resumed. Each block can be
programmed and erased over 100,000 cycles.
The device includes a 128 bit Protection Register
and a Security Block to increase the protection of
a system design. The Protection Register is divid-
ed into two 64 bit segments, the first one contains
a unique device number written by ST, while the
second one is one-time-programmable by the us-
er. The user programmable segment can be per-
manently
protected.
The
Security
Block,
parameter block 0, can be permanently protected
by the user. Figure 6, shows the Security Block
and Protection Register Memory Map.
Program and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller takes care of the tim-
ings necessary for program and erase operations.
The end of a program or erase operation can be
detected and any error conditions identified. The
command set required to control the memory is
consistent with JEDEC standards.
The memory is offered in TSOP48 (10 X 20mm)
and TFBGA46 (6.39 x 6.37mm, 0.75mm pitch)
packages and is supplied with all the bits erased
(set to ’1’).
In order to meet environmental requirements, ST
offers the M28W160C in ECOPACK® packages.
ECOPACK packages are Lead-free. The category
of second Level Interconnect is marked on the
package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum rat-
ings related to soldering conditions are also
marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK speci-
fications are available at: www.st.com.


Similar Part No. - M28W160CT100ZB6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M28W160CT100ZB6E NUMONYX-M28W160CT100ZB6E Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M28W160CT100ZB6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com