Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV66PG-GM919 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV66PG-GM919
Description  32-Channel LCD Driver with Separate Backplane Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV66PG-GM919 Datasheet(HTML) 3 Page - Supertex, Inc

  HV66PG-GM919 Datasheet HTML 1Page - Supertex, Inc HV66PG-GM919 Datasheet HTML 2Page - Supertex, Inc HV66PG-GM919 Datasheet HTML 3Page - Supertex, Inc HV66PG-GM919 Datasheet HTML 4Page - Supertex, Inc HV66PG-GM919 Datasheet HTML 5Page - Supertex, Inc HV66PG-GM919 Datasheet HTML 6Page - Supertex, Inc HV66PG-GM919 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV66
Supertex inc.
www.supertex.com
Doc.# DSFP-HV66
C070313
Sym
Parameter
Min
Max
Units Conditions
I
DD
V
DD supply current
-
15
mA
V
DD = 5.5V, fCLK = 5.0MHz
I
PPQ
Quiescent V
PP supply current
-
0.5
mA
Outputs high
-
0.5
mA
Outputs low
I
DDQ
Quiescent V
DD supply current
-
0.5
mA
All V
IN = GND or VDD
V
OH
High-level output
HV
OUT
50
-
V
I
O = -5.0mA, VPP = +60V
DATA OUT
4.6
-
I
O = -100µA
V
OL
Low-level output
HV
OUT
-
8.0
V
I
O = +5.0mA, VPP = +60V
DATA OUT
-
0.4
I
O = +100µA
I
IH
High-level input current
-
1.0
µA
V
IH = VDD
I
IL
Low-level input current
-
-1.0
µA
V
IL = 0V
V
OLBP
Low-level output voltage, backplane
-
3.0
V
I
O = +10mA
V
OHBP
High-level output voltage, backplane
57
-
V
I
O = -10mA
AC Characteristics (V
DD = 5.0V, VPP = 60V, TA = 25
O
C, logic input rise/fall time = 10ns.)
f
CLK
Clock frequency
-
5.0
MHz
---
t
WL, tWH
Clock width high or low
100
-
ns
---
t
SU
Data set-up time before clock rises
25
-
ns
---
t
H
Data hold time after clock rises
50
-
ns
---
t
HON, tHOFF
Time from latch enable or POL to HV
OUT
-
500
ns
C
L = 20pF
t
BON, tBOFF
Time from POL to BP
OUT
-
500
ns
C
L = 20pF
t
DHL
Delay time clock to data high to low
-
200
ns
C
L = 10pF
t
DLH
Delay time clock to data low to high
-
200
ns
C
L = 10pF
t
DLE
Delay time clock to LE low to high
50
-
ns
---
t
WLE
Width of LE pulse
100
-
ns
---
t
SLE
LE set-up time before clock rises
50
-
ns
---
t
BR, tBF
BP
OUT rise/fall time
10
1000
µs
C
L = 350pF
|t
BR - tBF|
BP
OUT rise and fall difference
-
100
µs
C
L = 350pF
Power-up sequence should be the following:
1. Connect ground.
2. Apply V
DD.
3. Set all inputs (Data, CLK, EN, etc.) to a known state.
4. Apply V
PP.
The V
PP should not drop below VDD during operation.
Power-down sequence should be the reverse of the above.
Electrical Characteristics (over recommended operating conditions unless otherwise noted)
DC Characteristics (V
DD = 5.0V, VPP = 60V)


Similar Part No. - HV66PG-GM919

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV66PG SUTEX-HV66PG Datasheet
457Kb / 6P
   32-Channel LCD Driver with Separate Backplane Output
HV66PG SUTEX-HV66PG Datasheet
557Kb / 8P
   32-Channel LCD Driver with Separate Backplane Output
More results

Similar Description - HV66PG-GM919

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV66 SUTEX-HV66_07 Datasheet
557Kb / 8P
   32-Channel LCD Driver with Separate Backplane Output
HV66 SUTEX-HV66 Datasheet
457Kb / 6P
   32-Channel LCD Driver with Separate Backplane Output
HV6506 SUTEX-HV6506 Datasheet
73Kb / 5P
   32-Channel LCD Driver with Separate Backplane Output
logo
List of Unclassifed Man...
ILI6122 ETC1-ILI6122 Datasheet
1Mb / 57P
   1200-Output Channel TFT LCD Source Driver with TCON
logo
Dialog Semiconductor
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
   32-Channel LED Driver for LCD Panel Backlighting
logo
Microchip Technology
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
   32-Segment CMOS LCD Driver
1995-2002
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
   32-Segment CMOS LCD Driver
1995 - 2002
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
logo
OKI electronic componet...
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
   32-DOT LCD COMMON DRIVER
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com