Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3999 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3999
Description  LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3999 Datasheet(HTML) 5 Page - Texas Instruments

  LP3999 Datasheet HTML 1Page - Texas Instruments LP3999 Datasheet HTML 2Page - Texas Instruments LP3999 Datasheet HTML 3Page - Texas Instruments LP3999 Datasheet HTML 4Page - Texas Instruments LP3999 Datasheet HTML 5Page - Texas Instruments LP3999 Datasheet HTML 6Page - Texas Instruments LP3999 Datasheet HTML 7Page - Texas Instruments LP3999 Datasheet HTML 8Page - Texas Instruments LP3999 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LP3999
www.ti.com
SNVS207E – JUNE 2003 – REVISED MAY 2013
Electrical Characteristics (continued)
Unless otherwise noted, VEN = 1.5, VIN = VOUT(NOM) + 1.0V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF, CBP = 0.01 µF. Typical
values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the full
temperature range for operation,
−40 to +125°C.
(1) (2)
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
VDO
Dropout Voltage
IOUT = 1 mA
0.4
2
mV
IOUT = 150 mA
60
100
PSRR
Power Supply Rejection Ratio(3)
f = 1 kHz, IOUT = 1 mA
60
dB
f = 10 kHz, IOUT = 1 mA
50
FULL VOUT RANGE
ILOAD
Load Current
See (4) and (3)
0
µA
IQ
Quiescent Current
VEN = 1.5V, IOUT = 0 mA
85
150
VEN = 1.5V, IOUT = 150 mA
140
200
µA
VEN = 0.4V
0.003
1.5
ISC
Short Circuit Current Limit
450
mA
EN
Output Noise Voltage(3)
BW = 10 Hz to 100 kHz,
10
VIN = 4.2V, No Load
µVrms
BW = 10 Hz to 100 kHz,
30
VIN = 4.2V, 1mA Load
TSHUTDOWN
Thermal Shutdown
Temperature
160
°C
Hysteresis
20
ENABLE CONTROL CHARACTERISTICS
IEN
Maximum Input Current at VEN
VEN = 0.0V and VIN = 6.0V
0.001
µA
Input
VIL
Low Input Threshold
0.4
V
VIH
High Input Threshold
0.9
V
TIMING CHARACTERISTICS
TON
Turn On Time (5)
To 95% Level (6)
140
µs
(4)
The device maintains the regulated output voltage without load.
(5)
This electrical specification is ensured by design.
(6)
Time from VEN = 0.9V to VOUT = 95% (VOUT(NOM))
Recommended Output Capacitor
Limit
Symbol
Parameter
Conditions
Typical
Units
Min
Max
COUT
Output Capacitor
Capacitance (1)
1.0
0.70
µF
ESR
5
500
m
(1)
The capacitor tolerance should be 30% or better over temperature. Recommended capacitor type is X7R however dependant on
application X5R,Y5V and Z5U can also be used.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3999


Similar Part No. - LP3999

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999 Datasheet
351Kb / 15P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ILD-1.5 NSC-LP3999ILD-1.5 Datasheet
351Kb / 15P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ILD-1.6 NSC-LP3999ILD-1.6 Datasheet
351Kb / 15P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ILD-1.8 NSC-LP3999ILD-1.8 Datasheet
351Kb / 15P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results

Similar Description - LP3999

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3999 TI-LP3999_15 Datasheet
979Kb / 19P
[Old version datasheet]   LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999_06 Datasheet
689Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999_03 Datasheet
351Kb / 15P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com