Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1039 Datasheet(PDF) 1 Page - Texas Instruments

Part # LT1039
Description  TRIPLE EIA-232 LINE TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1039 Datasheet(HTML) 1 Page - Texas Instruments

  LT1039 Datasheet HTML 1Page - Texas Instruments LT1039 Datasheet HTML 2Page - Texas Instruments LT1039 Datasheet HTML 3Page - Texas Instruments LT1039 Datasheet HTML 4Page - Texas Instruments LT1039 Datasheet HTML 5Page - Texas Instruments LT1039 Datasheet HTML 6Page - Texas Instruments LT1039 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LT1039
TRIPLE EIA232 LINE TRANSCEIVER
SLLS105B − D3627, FEBRUARY 1991 − REVISED JANUARY 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1992, Texas Instruments Incorporated
2−1
Meets All EIA-232-D (Revision of RS-232-C)
Specifications
Three Independent Drivers and Receivers
Per Package
EIA-232 Inputs and Outputs Withstand
±30 V
3-State Outputs
All Outputs Are Short-Circuit Protected
Virtually Zero Supply Current When
Shutdown
Output of Several Devices Can Be
Paralleled
Operates From ±5-V to ±15-V Supplies
Designed to Be Interchangeable With
Linear Technology LT1039
description
The LT1039 is a triple EIA-232 line transceiver designed to meet the requirements of Standard EIA-232-D. All
outputs are fully protected against an overload or short to ground. A major advantage of the LT1039 is
high-impedance output states when the device is off or powered down. This feature allows several different
devices to be connected together on the same bus.
The bias pin provides a receiver to be kept alive when the LT1039 is shutdown (ON/OFF = low).
The LT1039 is characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(DW)
PLASTIC DIP
(N)
0
°C to 70°C
LT1039CDW
LT1039CN
The DW package is available taped and reeled. Add the suffix R to the
device type (i.e., LT1039CDWR).
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
VDD+
BIAS
R1IN
D1OUT
R2IN
D2OUT
R3IN
D3OUT
VDD−
VCC
ON/OFF
R1OUT
D1IN
R2OUT
D2IN
R3OUT
D3IN
GND
DW OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - LT1039

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1039 TI-LT1039 Datasheet
76Kb / 7P
[Old version datasheet]   TRIPLE EIA-232 LINE TRANSCEIVER
logo
Linear Technology
LT1039 LINER-LT1039 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1039 LINER-LT1039 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16 Datasheet
167Kb / 12P
   RS232 Driver/Receiver with Shutdown
More results

Similar Description - LT1039

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1039 TI-LT1039 Datasheet
76Kb / 7P
[Old version datasheet]   TRIPLE EIA-232 LINE TRANSCEIVER
logo
Dallas Semiconductor
DS275 DALLAS-DS275 Datasheet
126Kb / 8P
   Line-Powered RS-232 Transceiver Chip
logo
Texas Instruments
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95QML TI1-DS16F95QML_16 Datasheet
520Kb / 19P
[Old version datasheet]   EIA-485/EIA-422A Differential Bus Transceiver
logo
ON Semiconductor
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
logo
List of Unclassifed Man...
33745 ETC2-33745 Datasheet
365Kb / 2P
   Low Capacitance for EIA RS-232 and EIA RS-422 Applications
logo
KODENSHI_AUK CORP.
KK75232N KODENSHI-KK75232N Datasheet
438Kb / 6P
   EIA-232-D INTERFACE 1 CHIP IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com