Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA78M08 Datasheet(PDF) 10 Page - Texas Instruments

Part # UA78M08
Description  Positive-Voltage Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA78M08 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UA78M08 Datasheet HTML 6Page - Texas Instruments UA78M08 Datasheet HTML 7Page - Texas Instruments UA78M08 Datasheet HTML 8Page - Texas Instruments UA78M08 Datasheet HTML 9Page - Texas Instruments UA78M08 Datasheet HTML 10Page - Texas Instruments UA78M08 Datasheet HTML 11Page - Texas Instruments UA78M08 Datasheet HTML 12Page - Texas Instruments UA78M08 Datasheet HTML 13Page - Texas Instruments UA78M08 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
140 kΩ
INPUT
96 Ω
0.6 Ω
OUTPUT
0 to 20 kΩ
5.4 kΩ
COMMON
Resistor values shown are nominal.
uA78M05, uA78M06, uA78M08
uA78M09, uA78M10, uA78M12, uA78M33
SLVS059T – JUNE 1976 – REVISED JANUARY 2015
www.ti.com
8 Detailed Description
8.1 Overview
This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications. The
applications include on-card regulation for elimination of noise and distribution problems associated with single-
point regulation. Each of these regulators can deliver up to 500 mA of output current. The internal current-limiting
and thermal-shutdown features of these regulators essentially make them immune to overload. In addition to use
as fixed-voltage regulators, these devices can be used with external components to obtain adjustable output
voltages and currents and also as the power-pass element in precision regulators.
8.2 Functional Block Diagram
8.3 Feature Description
3-Terminal Regulators
Output Current up to 500 mA
No External Components
Internal Thermal-Overload Protection
High Power-Dissipation Capability
Internal Short-Circuit Current Limiting
Output Transistor Safe-Area Compensation
8.4 Device Functional Modes
8.4.1 Fixed-Output Mode
These devices are available in fixed-output voltages. See the orderable part list for the desired output.
10
Submit Documentation Feedback
Copyright © 1976–2015, Texas Instruments Incorporated
Product Folder Links: uA78M05 uA78M06 uA78M08 uA78M09 uA78M10 uA78M12 uA78M33


Similar Part No. - UA78M08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M08 TI1-UA78M08 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
UA78M08C TI-UA78M08C Datasheet
272Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M08C TI-UA78M08C Datasheet
480Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M08CDCY TI-UA78M08CDCY Datasheet
272Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M08CDCY TI-UA78M08CDCY Datasheet
232Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78M08

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com