Electronic Components Datasheet Search |
|
UA78M05IDCY Datasheet(PDF) 9 Page - Texas Instruments |
|
|
UA78M05IDCY Datasheet(HTML) 9 Page - Texas Instruments |
9 / 30 page 0 20 40 60 80 100 120 120Hz 240Hz 500Hz 1KHz Frequency Iout at 100 mA Iout at 300 mA C002 uA78M05, uA78M06, uA78M08 uA78M09, uA78M10, uA78M12, uA78M33 www.ti.com SLVS059T – JUNE 1976 – REVISED JANUARY 2015 7.13 Electrical Characteristics — uA78M12C at specified virtual junction temperature, VI = 19 V, IO = 350 mA, TJ = 25°C (unless otherwise noted) uA78M12C PARAMETER TEST CONDITIONS(1) UNIT MIN TYP MAX 11.5 12 12.5 Output voltage(2) VI = 14.5 V to 27 V, IO = 5 mA to 350 mA V TJ = 0°C to 125°C 11.4 12.6 VI = 14.5 V to 30 V 8 100 Input voltage regulation IO = 200 mA mV VI = 16 V to 30 V 2 50 IO = 100 mA, TJ = 0°C to 125°C 55 VI = 15 V to 25 V, Ripple rejection dB f = 120 Hz IO = 300 mA 55 80 IO = 5 mA to 500 mA 25 240 Output voltage regulation mV IO = 5 mA to 200 mA 10 120 Temperature coefficient IO = 5 mA, TJ = 0°C to 125°C –1 mV/°C of output voltage Output noise voltage f = 10 Hz to 100 kHz 75 μV Dropout voltage 2 V Bias current 4.8 6 mA VI = 14.5 V to 30 V, IO = 200 mA, TJ = 0°C to 125°C 0.8 Bias current change mA IO = 5 mA to 350 mA, TJ = 0°C to 125°C 0.5 Short-circuit output VI = 35 V 240 mA current Peak output current 0.7 A (1) All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. (2) This specification applies only for dc power dissipation permitted by Absolute Maximum Ratings. 7.14 Typical Characteristics Figure 1. Ripple Rejection vs Frequency V_INPUT = 8 V to 18 V, TA = 25°C Copyright © 1976–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: uA78M05 uA78M06 uA78M08 uA78M09 uA78M10 uA78M12 uA78M33 |
Similar Part No. - UA78M05IDCY |
|
Similar Description - UA78M05IDCY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |