Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013DIDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # LT1013DIDRG4
Description  Dual Precision Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013DIDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LT1013DIDRG4 Datasheet HTML 6Page - Texas Instruments LT1013DIDRG4 Datasheet HTML 7Page - Texas Instruments LT1013DIDRG4 Datasheet HTML 8Page - Texas Instruments LT1013DIDRG4 Datasheet HTML 9Page - Texas Instruments LT1013DIDRG4 Datasheet HTML 10Page - Texas Instruments LT1013DIDRG4 Datasheet HTML 11Page - Texas Instruments LT1013DIDRG4 Datasheet HTML 12Page - Texas Instruments LT1013DIDRG4 Datasheet HTML 13Page - Texas Instruments LT1013DIDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
LT1013, LT1013D, LT1013M, LT1013AM
SLOS018I – MAY 1988 – REVISED JULY 2016
www.ti.com
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
(1)
Full range is –55°C to 125°C.
(2)
All typical values are at TA = 25°C.
6.14 Electrical Characteristics: LT1013AM, 5 V
at specified free-air temperature, VCC+ = 5 V, VCC− = 0, VO = 1.4 V, VIC = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
(2)
MAX
UNIT
VIO
Input offset voltage
RS = 50 Ω
25°C
60
250
µV
Full range
250
900
RS = 50 Ω, VIC = 0.1 V
125°C
120
450
IIO
Input offset current
25°C
0.2
1.3
nA
Full range
6
IIB
Input bias current
25°C
–15
–35
nA
Full range
–80
VICR
Common-mode input voltage range
Recommended range
25°C
0
3.5
V
Full range
0
3
VOM
Maximum peak output voltage swing
Output low, No load
25°C
15
25
V
Output low, RL = 600 Ω to GND
25°C
5
10
Full range
15
Output low, Isink = 1 mA
25°C
220
350
Output high, No load
25°C
4
4.4
Output high, RL = 600 Ω to GND
25°C
3.4
4
Full range
3.2
AVD
Large-signal differential voltage amplification
VO = 5 mV to 4 V, RL = 500 Ω
25°C
1
V/µV
ICC
Supply current per amplifier
25°C
0.31
0.45
mA
Full range
0.55
(1)
Full range is –55°C to 125°C.
(2)
All typical values are at TA = 25°C.
(3)
On products compliant to MIL-PRF-38535, Class B, this parameter is not production tested.
6.15 Electrical Characteristics: LT1013DM, ±15 V
at specified free-air temperature, VCC± = ±15 V, VIC = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP(2)
MAX
UNIT
VIO
Input offset voltage
RS = 50 Ω
25°C
200
800
µV
Full range
1000
αVIO
Temperature coefficient of input offset voltage
Full range
0.5
2.5(3)
µV/°C
Long-term drift of input offset voltage
25°C
0.5
µV/mo
IIO
Input offset current
25°C
0.2
1.5
nA
Full range
5
IIB
Input bias current
25°C
–15
–30
nA
Full range
–45
VICR
Common-mode input voltage range
Recommended range
25°C
–15
13.5
V
Full range
–14.9
13
VOM
Maximum peak output voltage swing
RL = 2 kΩ
25°C
±12.5
±14
V
Full range
±11.5
AVD
Large-signal differential voltage amplification
VO = ±10 V, RL = 600 Ω
25°C
0.5
2
V/µV
VO = ±10 V, RL = 2 kΩ
25°C
1.2
7
Full range
0.25
CMRR
Common-mode rejection ratio
VIC = −15 V to 13.5 V
25°C
97
114
dB
VIC = −14.9 V to 13 V
Full range
94
kSVR
Supply-voltage rejection ratio (ΔVCC/ΔVIO)
VCC+ = ±2 V to ±18 V
25°C
100
117
dB
Full range
97
Channel separation
VO = ±10 V, RL = 2 kΩ
25°C
120
137
dB
rid
Differential input resistance
25°C
70
300
ric
Common-mode input resistance
25°C
4
ICC
Supply current per amplifier
25°C
0.35
0.55
mA
Full range
0.7


Similar Part No. - LT1013DIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1013DIDRG4 TI-LT1013DIDRG4 Datasheet
595Kb / 33P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - LT1013DIDRG4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
   Dual Precision Operational Amplifier
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
   Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
[Old version datasheet]   Dual Precision Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
   Precision dual operational amplifier
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
   Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
   Dual, Matched Precision Operational Amplifier
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
   Dual, Matched Precision Operational Amplifier
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
   Precision CMOS Dual Operational Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
   DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com