Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1842A-SP Datasheet(PDF) 5 Page - Texas Instruments

Part # UC1842A-SP
Description  QML Class V, Current-Mode PWM Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1842A-SP Datasheet(HTML) 5 Page - Texas Instruments

  UC1842A-SP_15 Datasheet HTML 1Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 2Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 3Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 4Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 5Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 6Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 7Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 8Page - Texas Instruments UC1842A-SP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
UC1842A-SP, UC1843A-SP, UC1844A-SP
www.ti.com
SLUS872D – JANUARY 2009 – REVISED MAY 2015
8.5 Electrical Characteristics
VCC = 15 V
(1), R
T = 10 kΩ, CT = 3.3 nF, TA = TJ = –55°C to 125°C (unless otherwise noted)
(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE
Output voltage
TJ = 25°C, IO = 1 mA
4.95
5
5.06
V
Line regulation
VIN = 12 to 25 V
6
20
mV
Load regulation
IO = 1 to 20 mA
6
25
mV
Temperature stability(3) (4)
0.2
0.4
mV/°C
Total output variation(3)
Over line, load, and temperature
4.9
5.1
V
Output noise voltage
10 Hz
≤ ƒ ≤ 10 kHz, TJ = 25°C
50
μV
Long-term stability
1000 hours, TA = 125°C
(3)
5
25
mV
Short-circuit output current
–30
–100
–180
mA
OSCILLATOR
Initial accuracy
TJ = 25°C
(5)
47
52
57
kHz
Voltage stability
VCC = 12 to 25 V
0.2%
1%
Temperature stability
TA = MIN to MAX
(3)
5%
Amplitude peak-to-peak
V pin 4(3)
1.7
V
TJ = 25°C
7.8
8.3
8.8
Discharge current
V pin 4 = 2 V(6)
mA
TJ = Full range
7.5
8.8
ERROR AMPLIFIER
Input voltage
VComp = 2.5 V
2.45
2.50
2.55
V
Input bias current
–0.3
–1
μA
Open-loop voltage gain
VO = 2 to 4 V
65
90
dB
Unity-gain bandwidth
TJ = 25°C
(3)
0.7
1
MHz
PSRR
VCC = 12 to 25 V
60
70
dB
Output sink current
VFB = 2.7 V, VComp = 1.1 V
2
6
mA
Output source current
VFB = 2.3 V, VComp = 5 V
–0.5
–0.8
mA
High-level output voltage
VFB = 2.3 V, RL = 15 kΩ to ground
5
6
V
Low-level output voltage
VFB = 2.7 V, RL = 15 kΩ to VREF
0.7
1.1
V
CURRENT SENSE
Gain(7) (8)
2.85
3
3.15
V/V
Maximum input signal
VComp = 5 V
(7)
0.9
1
1.1
V
PSRR
VCC = 12 to 25 V
(7)
70
dB
Input bias current
–2
–10
μA
Delay to output
VISENSE = 0 to 2 V
(3)
150
300
ns
OUTPUT
ISINK = 20 mA
0.1
0.4
V
Output low-level voltage
ISINK = 200 mA
1.5
2.2
V
ISOURCE = –20 mA
13
13.5
V
Output high-level voltage
ISOURCE = –200 mA
12
13.5
V
(1)
Adjust VCC above the start threshold before setting at 15 V.
(2)
Electrical table applicable to 5962-8670405, 5962-8670406, and 5962-8670407 device types
(3)
Parameters ensured by design and/or characterization, if not production tested.
(4)
Temperature stability, sometimes referred to as average temperature coefficient, is described by the equation:
Temperature Stability = VREF (max) – VREF (min) / TJ (max) – TJ (min). VREF (max) and VREF (min) are the maximum and minimum
reference voltage measured over the appropriate temperature range. Note that the extremes in voltage do not necessarily occur at the
extremes in temperature.
(5)
Output frequency equals oscillator frequency for the UC1842A and UC1843A. Output frequency is one-half oscillator frequency for
UC1844A.
(6)
This parameter is measured with RT = 10 kΩ to VREF. This contributes approximately 300 μA of current to the measurement. The total
current flowing into the RT or CT pin will be approximately 300 μA higher than the measured value.
(7)
Parameter measured at trip point of latch with VFB = 0 V.
(8)
Gain defined as: G =
ΔVComp / ΔVISENSE; VISENSE = 0 to 0.8 V.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UC1842A-SP UC1843A-SP UC1844A-SP


Similar Part No. - UC1842A-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Similar Description - UC1842A-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843-SP TI-UC1843-SP_15 Datasheet
283Kb / 13P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLER
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com